Electronic Components Datasheet Search
  English  ▼

X  

LT3517 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3517
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3517 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3517 Datasheet HTML 18Page - Linear Technology LT3517 Datasheet HTML 19Page - Linear Technology LT3517 Datasheet HTML 20Page - Linear Technology LT3517 Datasheet HTML 21Page - Linear Technology LT3517 Datasheet HTML 22Page - Linear Technology LT3517 Datasheet HTML 23Page - Linear Technology LT3517 Datasheet HTML 24Page - Linear Technology LT3517 Datasheet HTML 25Page - Linear Technology LT3517 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT3760
22
3760fc
LT3760
GATE
2.2µF
100V
×5
L1
10µH
D1
M1
0.015
VOUT
SENSE
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CTRL
SYNC
GND
PWM
VREF
OVPSET
TSET
RT
ISET
VC
VIN
VIN
8V TO 14V
PVIN
20V TO 36V
4.7µF
10V
4.7µF
25V
100k
INTVCC
499k
40.2k
4.7µF
50V
PGND
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
11k
30.9k
20k
20k
39.2k
5.76k
10k
2.2nF
3760 TA03
FAULT
SHDN/UVLO
L1: SUMIDA CDRH8D38
M1: VISHAY SILICONIX Si7850DP
D1: DIODES, INC. PDS360
VIN
PWM DIMMING
ANALOG DIMMING
UP TO 45V OF LEDs PER STRING
Typical applicaTions
5µs/DIV
I(LEDx)
40mA/DIV
PWM
10V/DIV
I(L1)
1A/DIV
3760 G04
(FRONT COVER
APPLICATION)
LED Current Waveforms
3000:1 PWM Dimming (100Hz)
92% Efficient, 36W LED Driver, 1MHz Boost, 8 Strings, 100mA Per String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com