Electronic Components Datasheet Search
  English  ▼

X  

LT3517 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3517
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3517 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3517 Datasheet HTML 24Page - Linear Technology LT3517 Datasheet HTML 25Page - Linear Technology LT3517 Datasheet HTML 26Page - Linear Technology LT3517 Datasheet HTML 27Page - Linear Technology LT3517 Datasheet HTML 28Page - Linear Technology LT3517 Datasheet HTML 29Page - Linear Technology LT3517 Datasheet HTML 30Page - Linear Technology LT3517 Datasheet HTML 31Page - Linear Technology LT3517 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT3760
29
3760fc
Typical applicaTions
13W LED Driver, 1MHz SEPIC, 8 Strings, 100mA Per String (Survives VOUT Short to PGND)
LT3760
GATE
4.7µF
25V
×4
L1A
15µH
2.2µF
50V
×2
L1B
15µH
D1
M1
0.015
VOUT
SENSE
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
CTRL
SYNC
GND
PWM
VREF
OVPSET
TSET
RT
ISET
VC
VIN
VIN
8V TO 14V
VOUT
PVIN
10V TO 32V
4.7µF
10V
4.7µF
25V
100k
INTVCC
499k
100k
4.7µF
50V
PGND
20k
30.9k
20k
6.34k
39.2k
5.76k
7.5k
4.7nF
3760 TA10
FAULT
SHDN/UVLO
L1A, L1B: 15µH COUPLED INDUCTOR DRQ125
M1: VISHAY SILICONIX Si7850DP
D1: DIODES, INC. PDS560
VIN
PWM DIMMING
ANALOG DIMMING
UP TO 16V OF LEDs PER STRING
CTRL
1M
110k
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com