Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2914
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2914 Datasheet HTML 14Page - Linear Technology LTC2914 Datasheet HTML 15Page - Linear Technology LTC2914 Datasheet HTML 16Page - Linear Technology LTC2914 Datasheet HTML 17Page - Linear Technology LTC2914 Datasheet HTML 18Page - Linear Technology LTC2914 Datasheet HTML 19Page - Linear Technology LTC2914 Datasheet HTML 20Page - Linear Technology LTC2914 Datasheet HTML 21Page - Linear Technology LTC2914 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT4363
18
4363fa
TYPICAL APPLICATIONS
Overvoltage Regulator with Output Keep Alive During Shutdown
CTMR
0.1µF
RSNS
10m
Q1
IRLR2908
VIN
VOUT
12V, 4A
REGULATED
AT 16V
4363 TA02
LT4363DE-2
GND TMR
9
12
OUT
2
SNS
3
FB
1
D1*
SMAJ58A
R2
24.9k
R1
287k
R7
1k
GATE
4
VCC
5
R3
10
R9
1k, 1W
*DIODES INC.
**SANYO 25CE22GA
SHDN
6
UV
8
OV
7
FLT
ENOUT
10
11
CL**
22µF
R5
30.1k
R6
10k
R4
147k
D2
1N4746A
18V
1W
UV = 6V
OV = 24V
C1
47nF
APPLICATIONS INFORMATION
The power dissipation in Q1 is:
P
=
14V • 25mV
10m
Ω
= 35W
During an output overload or soft short, the voltage at the
OUT pin could stay at 2V or higher. The total overcurrent
fault time when VOUT = 2V is:
tOC =
47nF • 0.875V
40µA
= 1.028ms
The power dissipation in Q1 is:
P
=
14V – 2V
(
)•50mV
10m
Ω
= 60W
These conditions are well within the Safe Operating Area
of the FDB33N25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com