Electronic Components Datasheet Search
  English  ▼

X  

LTC2914 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2914
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2914 Datasheet HTML 2Page - Linear Technology LTC2914 Datasheet HTML 3Page - Linear Technology LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology LTC2914 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT4363
6
4363fa
TYPICAL PERFORMANCE CHARACTERISTICS
Overvoltage TMR Current vs
(VCC – VOUT)
Overcurrent TMR Current vs
(VCC – VOUT)
Warning Period TMR Current
vs VCC
TMR Pull-Down Current vs
Temperature
TMR Pull-Up Current (Cool Down)
vs Temperature
Output Low Voltage vs Current
Gate Drive at Temperature
(ΔVGATE vs Temperature)
Gate Drive vs Supply Voltage
(ΔVGATE vs VCC)
TMR High Threshold vs
Supply Voltage
Specifications are at VCC = 12V, TA = 25°C, unless
otherwise noted.
TEMPERATURE (°C)
–50
14
13
11
12
10
0
50
–25
25
100
4363 G10
125
75
VCC = SNS = OUT
IGATE = –1µA
IGATE = 0µA
VCC (V)
0
16
10
8
14
12
6
4
2
0
4363 G11
80
70
60
20
8
16
4
12
VCC = SNS = OUT
IGATE = 0µA
IGATE = 1µA
VCC (V)
0
5
4
3
2
1
4363 G12
80
70
60
50
20
40
10
30
VCC – VOUT (V)
0
50
40
30
20
10
0
4363 G13
80
70
60
50
20
40
10
30
TMR = 1V
VCC – VOUT (V)
0
260
220
160
120
80
40
0
4363 G14
80
70
60
50
20
40
10
30
TMR = 1V
VCC (V)
0
2.5
2.0
1.5
1.0
0.5
0
4363 G15
80
70
60
50
20
40
10
30
∆VDS = 0.5V
TEMPERATURE (°C)
–50
2.4
2.0
1.2
1.6
0.4
0.8
0
0
50
–25
25
100
4363 G16
125
75
TMR = 1V
TEMPERATURE (°C)
–50
3.0
2.5
1.5
2.0
0.5
1.0
0
0
50
–25
25
100
4363 G17
125
75
TMR = 3V
ISINK (mA)
0
6
5
4
3
2
1
0
4363 G18
3.0
2.5
2.0
1.5
1.0
0.5
OUT = SNS = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com