Electronic Components Datasheet Search
  English  ▼

X  

LTC2201 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2201 Datasheet HTML 4Page - Linear Technology LTC2201 Datasheet HTML 5Page - Linear Technology LTC2201 Datasheet HTML 6Page - Linear Technology LTC2201 Datasheet HTML 7Page - Linear Technology LTC2201 Datasheet HTML 8Page - Linear Technology LTC2201 Datasheet HTML 9Page - Linear Technology LTC2201 Datasheet HTML 10Page - Linear Technology LTC2201 Datasheet HTML 11Page - Linear Technology LTC2201 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2201
8
2201f
SFDR vs Input Level, fIN = 12.7MHz,
PGA = 0, Dither “On”
SFDR vs Input Level, fIN = 30.1MHz,
PGA = 0, Dither “Off”
SFDR vs Input Level, fIN = 30.1MHz,
PGA = 0, Dither “On”
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G07
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
INPUT LEVEL (dBFS)
–80
80
100
120
2201 G08
60
40
–70 –60 –50 –40 –30 –20 –10
0
20
0
140
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G09
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR vs Input Level, fIN = 70.1MHz,
PGA = 0, Dither “Off”
SFDR vs Input Level, fIN = 70.1MHz,
PGA = 0, Dither “On”
SFDR (HD2 or HD3)
vs Input Frequency
SNR vs Input Frequency
INPUT LEVEL (dBFS)
–70
–60
–50
–40
–30
–20
–10
0
80
100
120
2201 G10
60
40
20
0
140
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G11
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
INPUT FREQUENCY (MHz)
0
85
90
95
60
100
2201 G12
80
75
70
20
40
80
100
105
110
PGA = 1
PGA = 0
INPUT FREQUENCY (MHz)
0
73
74
76
77
78
80
82
2201 G13
75
40
20
100
120
60
140
79
80
81
PGA = 0
PGA = 1
SNR and SFDR vs Supply Voltage
(VDD), fIN = 5MHz
SUPPLY VOLTAGE (V)
2.8
95
100
105
3.4
3.5
2201 G14
90
85
2.9
3.0
3.1
3.2
3.3
3.6
80
75
110
SFDR
LOWER LIMIT
UPPER LIMIT
SNR
IVDD vs Sample Rate,
5MHz Sine Wave, –1dBFS
SAMPLE RATE (Msps)
0
62
65
68
16
2201 G15
59
56
53
4
8
12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com