Electronic Components Datasheet Search
  English  ▼

X  

LTC2201 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 1 Page - Linear Technology

  LTC2201 Datasheet HTML 1Page - Linear Technology LTC2201 Datasheet HTML 2Page - Linear Technology LTC2201 Datasheet HTML 3Page - Linear Technology LTC2201 Datasheet HTML 4Page - Linear Technology LTC2201 Datasheet HTML 5Page - Linear Technology LTC2201 Datasheet HTML 6Page - Linear Technology LTC2201 Datasheet HTML 7Page - Linear Technology LTC2201 Datasheet HTML 8Page - Linear Technology LTC2201 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2201
1
2201f
16-Bit, 20Msps ADC
The LTC®2201 is a 20Msps, sampling 16-bit A/D converter
designed for digitizing high frequency, wide dynamic range
signals with input frequencies up to 380MHz. The input
range of the ADC can be optimized with the PGA front end.
The LTC2201 is perfect for demanding applications, with
AC performance that includes 81.6dB SNR and 100dB
spurious free dynamic range (SFDR). Maximum DC specs
include ±5LSB INL, ±1LSB DNL (no missing codes).
A separate output power supply allows the CMOS output
swing to range from 0.5V to 3.6V.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high performance
at full speed with a wide range of clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
n Telecommunications
n Receivers
n Cellular Base Stations
n Spectrum Analysis
n Imaging Systems
n ATE
n Sample Rate: 20Msps
n 81.6dB SNR and 100dB SFDR (2.5V Range)
n 90dB SFDR at 70MHz (1.667VP-P Input Range)
n PGA Front End (2.5VP-P or 1.667VP-P Input Range)
n 380MHz Full Power Bandwidth S/H
n Optional Internal Dither
n Optional Data Output Randomizer
n Single 3.3V Supply
n Power Dissipation: 211mW
n Clock Duty Cycle Stabilizer
n Out-of-Range Indicator
n Pin Compatible Family
25Msps: LTC2203 (16-Bit)
10Msps: LTC2202 (16-Bit)
n 48-Pin (7mm × 7mm) QFN Package
–
+
S/H
AMP
CORRECTION
LOGIC AND
SHIFT REGISTER
OUTPUT
DRIVERS
16-BIT
PIPELINED
ADC CORE
INTERNAL ADC
REFERENCE
GENERATOR
1.25V
COMMON MODE
BIAS VOLTAGE
CLOCK/DUTY
CYCLE
CONTROL
CLK
PGA
SHDN
DITH
MODE
RAND
VCM
ANALOG
INPUT
2201 TA01
D15
D0
CMOS
OUTPUTS
0.5V TO 3.6V
3.3V
3.3V
SENSE
OGND
OVDD
2.2μF
1μF
1μF
1μF
1μF
VDD
GND
ADC CONTROL INPUTS
AIN
+
AIN
–
OF
CLKOUT+
CLKOUT–
OE
CODE
0
0.0
0.5
1.0
65536
2201 TA02
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
Integral Nonlinearity (INL)
vs Output Code
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION


Similar Part No. - LTC2201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
More results

Similar Description - LTC2201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com