Electronic Components Datasheet Search
  English  ▼

X  

LTC1402 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit/14-Bit, 3.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 10Page - Linear Technology LTC1402 Datasheet HTML 11Page - Linear Technology LTC1402 Datasheet HTML 12Page - Linear Technology LTC1402 Datasheet HTML 13Page - Linear Technology LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology LTC1402 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC2356-12/LTC2356-14
14
2356fb
VREF BYPASS 0805 SIZE
VDD BYPASS 0805 SIZE
2356 F07
OPTIONAL INPUT FILTERING
FREQUENCY (Hz)
–60
–30
–20
2356 F06b
–70
–80
–120
–100
0
–10
–40
–50
–90
–110
0
371k
185k
556k
741k
APPLICATIONS INFORMATION
Board Layout and Bypassing
Wire wrap boards are not recommended for high resolu-
tion and/or high speed A/D converters. To obtain the best
performance from the LTC2356-12/LTC2356-14, a printed
circuit board with ground plane is required. Layout for
the printed circuit board should ensure that digital and
analog signal lines are separated as much as possible. In
particular, care should be taken not to run any digital track
alongside an analog signal track. If optimum phase match
between the inputs is desired, the length of the two input
wires should be kept matched.
High quality tantalum and ceramic bypass capacitors
should be used at the VDD and VREF pins as shown in the
Block Diagram on the first page of this data sheet. For
optimum performance, a 10µF surface mount Tantalum
capacitor with a 0.1µF ceramic is recommended for the
VDD and VREF pins. Alternatively, 10µF ceramic chip
capacitors such as Murata GRM219R60J106M may
be used. The capacitors must be located as close to the
pins as possible. The traces connecting the pins and the
bypass capacitors must be kept short and should be made
as wide as possible.
Figure7showstherecommendedsystemgroundconnec-
tions. All analog circuitry grounds should be terminated
at the LTC2356-12/LTC2356-14 GND (Pins 4, 5, 6 and
exposed pad). The ground return from the LTC2356-
12/LTC2356-14 (Pins 4, 5, 6 and exposed pad) to the
power supply should be low impedance for noise free
operation. In applications where the ADC data outputs
and control signals are connected to a continuously ac-
tive microprocessor bus, it is possible to get errors in the
conversion results. These errors are due to feedthrough
from the microprocessor to the successive approximation
comparator. The problem can be eliminated by forcing the
microprocessor into a Wait state during conversion or by
using three-state buffers to isolate the ADC data bus.
POWER-DOWN MODES
Upon power-up, the LTC2356-12/LTC2356-14 is initial-
ized to the active state and is ready for conversion. The
Nap and Sleep mode waveforms show the power-down
modes for the LTC2356-12/LTC2356-14. The SCK and
CONV inputs control the power-down modes (see Timing
Diagrams).TworisingedgesatCONV,withoutanyinterven-
ing rising edges at SCK, put the LTC2356-12/LTC2356-14
in Nap mode and the power consumption drops from
18mW to 4mW. The internal reference remains powered
in Nap mode. One or more rising edges at SCK wake up
the LTC2356-12/LTC2356-14 very quickly, and CONV
can start an accurate conversion within a clock cycle.
Four rising edges at CONV, without any intervening rising
edges at SCK, put the LTC2356-12/LTC2356-14 in Sleep
mode and the power consumption drops from 18mW
to 13µW. One or more rising edges at SCK wake up the
LTC2356-12/LTC2356-14 for operation. The internal refer-
ence (VREF ) takes 2ms to slew and settle with a 10µF load.
Figure 7. Recommended Layout
Figure 6b. LTC2356-12 6MHz Sine Wave 4096 Point FFT Plot
with the LT1819 Driving the Inputs Differentially



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com