Electronic Components Datasheet Search
  English  ▼

X  

LTC1402 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit/14-Bit, 3.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 10Page - Linear Technology LTC1402 Datasheet HTML 11Page - Linear Technology LTC1402 Datasheet HTML 12Page - Linear Technology LTC1402 Datasheet HTML 13Page - Linear Technology LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology LTC1402 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2356-12/LTC2356-14
18
2356fb
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006
LT 0612 REV B • PRINTED IN USA
PRE
VCC
1k
1k
50
VCC
NL17SZ74
CONVERT ENABLE
NC7SVU04P5X
MASTER CLOCK
0.1µF
CONV
LTC2356
CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
D
Q
Q
CONV
SCK
SDO
100
NC7SVU04P5X
CLR
2356 TA03
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1402
12-Bit, 2.2Msps Serial ADC
5V or ±5V Supply, 4.096V or ±2.048V Span
LTC1403/LTC1403A
12-/14-Bit, 2.8Msps Serial ADC
3V, 14mW, Unipolar Inputs, MSOP Package
LTC1403-1/LTC1403A-1
12-/14-Bit, 2.8Msps Serial ADC
3V, 14mW, Bipolar Inputs, MSOP Package
LTC1405
12-Bit, 5Msps Parallel ADC
5V, Selectable Spans, 115mW
LTC1407/LTC1407A
12-/14-Bit, 3Msps Simultaneous Sampling ADC 3V, 2-Channel Differential, Unipolar Inputs, 14mW, MSOP Package
LTC1407-1/LTC1407A-1
12-/14-Bit, 3Msps Simultaneous Sampling ADC 3V, 2-Channel Differential, Bipolar Inputs, 14mW, MSOP Package
LTC1411
14-Bit, 2.5Msps Parallel ADC
5V, Selectable Spans, 80dB SINAD
LTC1412
12-Bit, 3Msps Parallel ADC
±5V Supply, ±2.5V Span, 72dB SINAD
LCT1414
14-Bit, 2.2Msps Parallel ADC
±5V Supply, ±2.5V Span, 78dB SINAD
LTC1420
12-Bit, 10Msps Parallel ADC
5V, Selectable Spans, 71dB SINAD
LTC1604
16-Bit, 333ksps Parallel ADC
±5V Supply, ±2.5V Span, 90dB SINAD
LTC1608
16-Bit, 500ksps Parallel ADC
±5V Supply, ±2.5V Span, 90dB SINAD
LTC1609
16-Bit, 200ksps Serial ADC
5V, Configurable Bipolar/Unipolar Inputs
LTC1864/LTC1865
16-Bit, 250ksps Serial ADCs
5V Supply, 1 and 2 Channel, 4.3mW, MSOP Package
LTC2355-12/LTC2355-14
12-/14-Bit, 3.5Msps Serial ADC
3.3V 14mW, 0V to 2.5V Span, MSOP Package
DACs
LTC1666/LTC1667/LTC1668
12-/14-/16-Bit, 50Msps DACs
87dB SFDR, 20ns Settling Time
LTC1592
16-Bit, Serial SoftSpan™ IOUT DAC
±1LSB INL/DNL, Software Selectable Spans
References
LT1790-2.5
Micropower Series Reference in SOT-23
0.05% Initial Accuracy, 10ppm Drift
LT1461-2.5
Precision Voltage Reference
0.04% Initial Accuracy, 3ppm Drift
LT1460-2.5
Micropower Series Voltage Reference
0.075% Initial Accuracy, 10ppm Drift
Low-Jitter Clock Timing with RF Sine Generator Using Clock
Squaring/Level Shifting Circuit and Re-Timing Flip-Flop
RELATED PARTS
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com