Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2863
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2863 Datasheet HTML 4Page - Linear Technology LTC2863 Datasheet HTML 5Page - Linear Technology LTC2863 Datasheet HTML 6Page - Linear Technology LTC2863 Datasheet HTML 7Page - Linear Technology LTC2863 Datasheet HTML 8Page - Linear Technology LTC2863 Datasheet HTML 9Page - Linear Technology LTC2863 Datasheet HTML 10Page - Linear Technology LTC2863 Datasheet HTML 11Page - Linear Technology LTC2863 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2859/LTC2861
8
285961fc
RO(Pin1):ReceiverOutput.Ifthereceiveroutputisenabled
(RE low) and A > B by 200mV, then RO will be high. If A
< B by 200mV, then RO will be low. If the receiver inputs
are open, shorted, or terminated without a valid signal, RO
will be high.
RE (Pin 2): Receiver Enable. A low enables the receiver.
A high input forces the receiver output into a high imped-
ance state.
DE (Pin 3): Driver Enable. A high on DE enables the driver.
A low input will force the driver outputs into a high imped-
ance. If RE is high with DE and TE LOW, the part will enter
a low power shutdown state.
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE HIGH), then a low on DI forces the driver positive
output LOW and negative output HIGH. A high on DI,
with the driver outputs enabled, forces the driver positive
output HIGH and negative output LOW.
(DD/DE/GN)
TE (Pin 5): Internal Termination Resistance Enable. A high
input will connect a termination resistor (120Ω typical)
between pins A and B.
GND (Pins 6,11/6,13/6): Ground. Pins 11 and 13 are
backside thermal pad, connected to Ground.
SLO (Pins 7/7/11): Driver Slew Rate Control. A low input
will force the driver into a reduced slew rate mode.
Y (Pins -/8/12): Positive Driver Output for LTC2861.
Z (Pins -/9/13): Negative Driver Output for LTC2861.
B (Pins 9/10/14): Negative Receiver Input (and Negative
Driver Output for LTC2859).
A (Pins 8/11/15): Positive Receiver Input (and Positive
Driver Output for LTC2859).
VCC (Pins 10/12/16): Positive Supply. 4.5V < VCC < 5.5V.
Bypass with 0.1µF ceramic capacitor.
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com