Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2863
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2863 Datasheet HTML 5Page - Linear Technology LTC2863 Datasheet HTML 6Page - Linear Technology LTC2863 Datasheet HTML 7Page - Linear Technology LTC2863 Datasheet HTML 8Page - Linear Technology LTC2863 Datasheet HTML 9Page - Linear Technology LTC2863 Datasheet HTML 10Page - Linear Technology LTC2863 Datasheet HTML 11Page - Linear Technology LTC2863 Datasheet HTML 12Page - Linear Technology LTC2863 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2859/LTC2861
9
285961fc
LTC2859
LOGIC INPUTS
DE
RE
TE
MODE
A, B
RO
TERMINATOR
0
0
0
Receive
RIN
Enabled
Off
0
0
1
Receive with Term
RIN
Enabled
On
0
1
0
Shutdown
RIN
Hi-Z
Off
0
1
1
Term Only
RIN
Hi-Z
On
1
0
0
Transmit with Receive
Driven
Enabled
Off
1
0
1
Transmit with Receive
and Term
Driven
Enabled
On
1
1
0
Transmit
Driven
Hi-Z
Off
1
1
1
Transmit with Term
Driven
Hi-Z
On
LTC2861
LOGIC INPUTS
DE
RE
TE
MODE
A, B
Y, Z
RO
TERMINATOR
0
0
0
Receive
RIN
Hi-Z
Enabled
Off
0
0
1
Receive with Term
RIN
Hi-Z
Enabled
On
0
1
0
Shutdown
RIN
Hi-Z
Hi-Z
Off
0
1
1
Term Only
RIN
Hi-Z
Hi-Z
On
1
0
0
Transmit with Receive
RIN
Driven
Enabled
Off
1
0
1
Transmit with Receive
and Term
RIN
Driven
Enabled
On
1
1
0
Transmit
RIN
Driven
Hi-Z
Off
1
1
1
Transmit with Term
RIN
Driven
Hi-Z
On
LTC2859
LTC2861
FuncTion Tables
block DiaGrams
120Ω
DE
RO
DI
A
(15kV)
TE
B
(15kV)
Z
(15kV)
Y
(15kV)
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
SLO
120Ω
DE
RO
DI
A
(15kV)
TE
B
(15kV)
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
SLO
2859/61 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com