Electronic Components Datasheet Search
  English  ▼

X  

LTC3610 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3610
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3610 Datasheet HTML 28Page - Linear Technology LTC3610 Datasheet HTML 29Page - Linear Technology LTC3610 Datasheet HTML 30Page - Linear Technology LTC3610 Datasheet HTML 31Page - Linear Technology LTC3610 Datasheet HTML 32Page - Linear Technology LTC3610 Datasheet HTML 33Page - Linear Technology LTC3610 Datasheet HTML 34Page - Linear Technology LTC3610 Datasheet HTML 35Page - Linear Technology LTC3610 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3613
32
3613fa
TYPICAL APPLICATIONS
VIN
VOUT
PGOOD
RUN
VRNG
SENSE–
SENSE+
RPGD
100k
INTVCC
RITH
10k
RT
115k
LTC3613
RFB2
20k
RFB1
20k
COUT1
330μF
2.5V
×4
COUT2
100μF
×2
VOUT
1.2V
30A
0.47μH
0.47μH
2mΩ
2mΩ
SW
DB
CSS
0.1μF
RDIV1
56.2k
RDIV2
10k
CITH1
330pF
CITH2
47pF
3613 TA12
VIN
6V TO 24V
CDCR
0.1μF
CB
0.1μF
CVCC
4.7μF
TRACK/SS
ITH
RT
MODE/PLLIN
EXTVCC
SGND
BOOST
INTVCC
INTVCC
PGND
VOSNS
+
VOSNS
–
CIN2
10μF
CIN1
82μF
25V
+
+
350kHz
VIN
VOUT
PGOOD
RUN
VRNG
SENSE–
SENSE+
RT
115k
LTC3613
COUT2
100μF
×2
SW
DB
47pF
(
θ1 → θ2 = 180° OUT OF PHASE)
CDCR
0.1μF
CB
0.1μF
CVCC
4.7μF
CIN1: SANYO 25SVPD82M
COUT1: SANYO 2R5TPE330M9
DB: CENTRAL CMDSH-3
L1: COILTRONICS FP1109-R47
TRACK/SS
ITH
RT
MODE/PLLIN
EXTVCC
SGND
BOOST
INTVCC
INTVCC
PGND
VOSNS
+
VOSNS
–
CIN2
10μF
CIN1
82μF
25V
+
350kHz
Figure 13. 2 Phase, 1.2V, 30A, 350kHz Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com