Electronic Components Datasheet Search
  English  ▼

X  

LTC3610 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3610
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3610 Datasheet HTML 28Page - Linear Technology LTC3610 Datasheet HTML 29Page - Linear Technology LTC3610 Datasheet HTML 30Page - Linear Technology LTC3610 Datasheet HTML 31Page - Linear Technology LTC3610 Datasheet HTML 32Page - Linear Technology LTC3610 Datasheet HTML 33Page - Linear Technology LTC3610 Datasheet HTML 34Page - Linear Technology LTC3610 Datasheet HTML 35Page - Linear Technology LTC3610 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC3613
33
3613fa
TYPICAL APPLICATIONS
LOAD CURRENT (A)
0.1
80
90
60
70
10
3613 TA013
40
50
20
30
0
10
1
100
100
VIN = 12V
VOUT = 1.2V
FORCED
CONTINUOUS
MODE
20μs/DIV
3613 TA14
VOUT(AC)
100mV/DIV
ILOAD
10A/DIV
LOAD STEP = 0A TO 30A
VIN = 12V
Efficiency
Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com