Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3971
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 1 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC3630
1
3630fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Efficiency, 65V
500mA Synchronous
Step-Down Converter
The LTC®3630 is a high efficiency step-down DC/DC
converter with internal high side and synchronous power
switches that draws only 12μA typical DC supply current
while maintaining a regulated output voltage at no load.
The LTC3630 can supply up to 500mA load current and
features a programmable peak current limit that provides
a simple method for optimizing efficiency and for reduc-
ing output ripple and component size. The LTC3630’s
combination of Burst Mode® operation, integrated power
switches, low quiescent current, and programmable peak
current limit provides high efficiency over a broad range
of load currents.
With its wide input range of 4V to 65V, the LTC3630 is a
robust converter suited for regulating a wide variety of
power sources. Additionally, the LTC3630 includes a precise
run threshold and soft-start feature to guarantee that the
power system start-up is well-controlled in any environ-
ment. A feedback comparator output enables multiple
LTC3630s to be paralleled in higher current applications.
The LTC3630 is available in the thermally-enhanced
3mm × 5mm DFN and the MSE16 packages.
Efficiency vs Load Current
4V to 65V Input to 3.3V Output, 500mA Step-Down Converter
APPLICATIONS
n Wide Operating Input Voltage Range: 4V to 65V
n Synchronous Operation for Highest Efficiency
n Internal High Side and Low Side Power MOSFETs
n No Compensation Required
n Adjustable 50mA to 500mA Maximum Output Current
n Low Dropout Operation: 100% Duty Cycle
n Low Quiescent Current: 12μA
n Wide Output Range: 0.8V to VIN
n 0.8V ±1% Feedback Voltage Reference
n Precise RUN Pin Threshold
n Internal and External Soft-Start
n Programmable 1.8V, 3.3V, 5V or Adjustable Output
n Few External Components Required
n Low Profile (0.75mm) 3mm × 5mm DFN and
Thermally-Enhanced MSE16 Packages
n Industrial Control Supplies
n Medical Devices
n Distributed Power Systems
n Portable Instruments
n Battery-Operated Devices
n Automotive
n Avionics
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
SW
VIN
4V TO 65V
LTC3630
47μH
100μF
2
3630 TA01a
2.2μF
VOUT
3.3V
500mA
GND
VFB
SS
VPRG2
RUN
VPRG1
ISET
FBO
VIN
LOAD CURRENT (mA)
50
70
90
100
0.1
10
100
1000
3630 TA01b
30
1
80
60
40
VOUT = 3.3V
VIN = 12V
VIN = 65V
ISET = 220kΩ||220pF
ISET = OPEN


Similar Part No. - LT3971

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3971 LINER-LT3971 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3971 LINER-LT3971 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3971 LINER-LT3971 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
More results

Similar Description - LT3971

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
June 26, 2009
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
500mA 4.3MHz Low IQ High Efficiency Synchronous
September 21, 2011
logo
Linear Technology
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630 LINER-LTC3630_15 Datasheet
290Kb / 26P
High Efficiency, 65V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com