Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3971
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3971 Datasheet HTML 18Page - Linear Technology LT3971 Datasheet HTML 19Page - Linear Technology LT3971 Datasheet HTML 20Page - Linear Technology LT3971 Datasheet HTML 21Page - Linear Technology LT3971 Datasheet HTML 22Page - Linear Technology LT3971 Datasheet HTML 23Page - Linear Technology LT3971 Datasheet HTML 24Page - Linear Technology LT3971 Datasheet HTML 25Page - Linear Technology LT3971 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC3630
22
3630fb
TYPICAL APPLICATIONS
12V to 65V Input to 12V Output with 100mA Input Current Limit
Maximum Input and Load Current vs Input Voltage
5V to 65V Input to 5V Output,150mA Regulator
with 20kHz Minimum Burst Frequency
Burst Frequency vs Load Current
VFB
SW
L1
33μH
VIN
RUN
ISET
FBO
CIN
2.2μF
COUT
10μF
VOUT
5V
150mA
VIN
5V TO 65V
SS
VPRG1
VPRG2
GND
LTC3630
OUT
IN
DIV
V+
SET
LTC6994-1
GND
RISET
60.4k
30.1Ω
3630 TA04
976k
100k
196k
CIN: TDK C3225X7R2AA225M
COUT: AVX 12063D106KAT
L1: COOPER BUSSMAN SD25-330
LOAD CURRENT (mA)
0
0
40
50
60
1
10
100
3630 TA04b
30
20
10
VIN = 3.3V
20kHz LIMIT
NO LIMIT
VFB
SW
L1
22μH
VIN
RUN
COUT
22μF
VOUT
12V
R1
200k
CIN
2.2μF
VIN
12V TO 65V
FBO
ISET
SS
VPRG1
VPRG2
GND
LTC3630
R3
806k
R4
10k
CIN: TDK C3225X7R2A225M
COUT: TAIYO YUDEN EMK316BJ226ML-T
L1:TDK SLF7045470MR75
R2
14.3k
3630 TA05
INPUT VOLTAGE (V)
10
0
100
200
300
400
500
20
30
40
50
15
25
35
45
55
3630 TA05b
60 65
MAXIMUM LOAD CURRENT
MAXIMUM INPUT CURRENT
INPUT CURRENT LIMIT
VOUT
2
R4
R3 R4
MAXIMUM LOAD CURRENT
VIN
2
R4
R3 R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com