Electronic Components Datasheet Search
  English  ▼

X  

LTC3675 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3675
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 28Page - Linear Technology LTC3675 Datasheet HTML 29Page - Linear Technology LTC3675 Datasheet HTML 30Page - Linear Technology LTC3675 Datasheet HTML 31Page - Linear Technology LTC3675 Datasheet HTML 32Page - Linear Technology LTC3675 Datasheet HTML 33Page - Linear Technology LTC3675 Datasheet HTML 34Page - Linear Technology LTC3675 Datasheet HTML 35Page - Linear Technology LTC3675 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC3675
32
3675fa
connect directly to the ground plane of the part. These
capacitors provide the AC current to the internal power
MOSFETs and their drivers. It’s important to minimize
inductance from these capacitors to the VIN pins of the
LTC3675.
4. The switching power traces connecting SW1, SW2,
SW3, SW4, SW5, SWAB6, SWCD6 and SW7 to their
respective inductors should be minimized to reduce
radiated EMI and parasitic coupling. Due to the large
voltage swing of the switching nodes, high input im-
pedance sensitive nodes such as the feedback nodes
and LED_OV node should be kept far away or shielded
from the switching nodes or poor performance could
result.
5. The GND side of the switching regulator output capaci-
tors should connect directly to the thermal ground plane
of the part. Minimize the trace length from the output
capacitor to the inductor(s)/pin(s).
6. In a combined buck regulator application the trace length
of switch nodes to the inductor must be kept equal to
ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com