Electronic Components Datasheet Search
  English  ▼

X  

LTC3675 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3675
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 4 Page - Linear Technology

  LTC3675 Datasheet HTML 1Page - Linear Technology LTC3675 Datasheet HTML 2Page - Linear Technology LTC3675 Datasheet HTML 3Page - Linear Technology LTC3675 Datasheet HTML 4Page - Linear Technology LTC3675 Datasheet HTML 5Page - Linear Technology LTC3675 Datasheet HTML 6Page - Linear Technology LTC3675 Datasheet HTML 7Page - Linear Technology LTC3675 Datasheet HTML 8Page - Linear Technology LTC3675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC3675
4
3675fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
l
2.7
5.5
V
VIN_FALLING
Falling Undervoltage Threshold
l
2.35
2.45
2.55
V
VIN_RISING
Rising Undervoltage Threshold
l
2.45
2.55
2.65
V
VIN_WARN
Falling Undervoltage Warning Threshold
UV[2], UV[1], UV[0] = 000
2.7
V
UV[2], UV[1], UV[0] = 001
2.8
V
UV[2], UV[1], UV[0] = 010
2.9
V
UV[2], UV[1], UV[0] = 011
3.0
V
UV[2], UV[1], UV[0] = 100
3.1
V
UV[2], UV[1], UV[0] = 101
3.2
V
UV[2], UV[1], UV[0] = 110
3.3
V
UV[2], UV[1], UV[0] = 111
3.4
V
VIN_HYS
VIN Undervoltage Warning Hysteresis
50
mV
VIN_WARN(LSB)
Undervoltage Warning Threshold Step Size
l
85
100
115
mV
OT
Overtemperature Shutdown
150
°C
OT_WARN
Overtemperature Warning Threshold; Die
Temperature Below OT that Causes IRQB = 0
OT[1], OT[0] = 00
OT[1], OT[0] = 01
OT[1], OT[0] = 10
OT[1], OT[0] = 11
10
20
30
40
°C
°C
°C
°C
IVIN_ALLOFF
Input Supply Current
All Switching Regulators and LED Driver
in Shutdown, ONB = HIGH; Sum of All VIN
Currents
16
28
μA
fOSC
Voltage Regulator Switching Frequency
All Voltage Regulators
l
1.8
2.25
2.7
MHz
VPGOOD(FALL)
Falling PGOOD Threshold Voltage
Full-Scale (1,1,1,1) Reference Voltage
l
88
92
96
%
VPGOOD(HYS)
PGOOD Hysteresis
All Regulators Except LED Driver
1
%
1A Buck Regulator (Buck Regulators 1 and 2)
IVIN1,2
Pulse-Skipping Input Current
Burst Mode
® Operation Input Current
VFB1 = VFB2 = 0.85V (Notes 4, 5)
VFB1 = VFB2 = 0.85V (Notes 4, 5)
105
20
200
50
μA
μA
IFWD1,2
PMOS Current Limit
(Note 6)
2.25
2.8
3.35
A
VFB1,2(HIGH)
Feedback Regulation Voltage
Pulse-Skipping Mode Full-Scale (1,1,1,1)
l
780
800
820
mV
VFB1,2(LOW)
Feedback Regulation Voltage
Pulse-Skipping Mode Full-Scale (0,0,0,0)
l
405
425
445
mV
VLSB1,2
FB1, FB2 Regulation Voltage Step Size
25
mV
IFB12
Feedback Leakage Current
VFB1= VFB2 = 0.85V
–50
50
nA
DMAX1,2
Maximum Duty Cycle
VFB1= VFB2 = 0V
l
100
%
RPMOS1,2
PMOS On-Resistance
ISW1 = ISW2 = 100mA
265
mΩ
RNMOS1,2
NMOS On-Resistance
ISW1 = ISW2 = –100mA
280
mΩ
ILEAKP1,2
PMOS Leakage Current
EN1 = EN2 = 0
–2
2
μA
ILEAKN1,2
NMOS Leakage Current
EN1 = EN2 = 0
–2
2
μA
RSWPD1,2
Output Pull-Down Resistance in Shutdown
EN1 = EN2 = 0 (I2C Bit Set)
10
kΩ
tSS1,2
Soft-Start Time
500
μs
500mA Buck Regulator (Buck Regulators 3 and 4)
IVIN3,4
Pulse-Skipping Input Current
Burst Mode Operation Input Current
VFB3 = VFB4 = 0.85V (Notes 4, 5)
VFB3 = VFB4 = 0.85V (Notes 4, 5)
105
20
200
50
μA
μA
IFWD3,4
PMOS Current Limit
(Note 6)
0.75
1.2
1.65
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com