Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3891
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC3630
16
3630fb
APPLICATIONS INFORMATION
The current that flows through the R3-R4 divider will
directly add to the shutdown, sleep, and active current
of the LTC3630, and care should be taken to minimize
the impact of this current on the overall efficiency of the
application circuit. To keep the variation of the rising VIN
UVLO threshold to less than 5% due to the internal pull-
up circuitry, the following equations should be used to
calculate R3 and R4:
R3
≤
Rising VINUVLOThreshold
40μA
R4
=
R3 • 1.21V
Rising VINUVLOThreshold – 1.21V +R3 • 4μA
The falling UVLO threshold will be about 10% lower than
the rising VIN UVLO threshold due to the 110mV hysteresis
of the RUN comparator.
For applications that do not require a precise UVLO, the
RUN pin can be left floating. In this configuration, the UVLO
threshold is limited to the internal VIN UVLO thresholds as
shown in the Electrical Characteristics table.
Be aware that the RUN pin cannot be allowed to exceed
its absolute maximum rating of 6V. To keep the voltage
on the RUN pin from exceeding 6V, the following relation
should be satisfied:
VIN(MAX) < 4.5 • Rising VIN UVLO Threshold
To support a VIN(MAX) greater than 4.5x the external UVLO
threshold, an external 4.7V Zener diode should be used
in parallel with R4. See Figure 11.
Soft-Start
Soft-start is implemented by ramping the effective refer-
ence voltage from 0V to 0.8V. To increase the duration of
soft-start, place a capacitor from the SS pin to ground.
An internal 5μA pull-up current will charge this capacitor.
The value of the soft-start capacitor can be calculated by
the following equation:
CSS = Soft-Start Time •
5μA
0.35V
The minimum soft-start time is limited to the internal soft-
start timer of 0.8ms. When the LTC3630 detects a fault
condition (input supply undervoltage or overtemperature)
or when the RUN pin falls below 1.1V, the SS pin is quickly
pulled to ground and the internal soft-start timer is reset.
This ensures an orderly restart when using an external
soft-start capacitor.
Note that the soft-start capacitor may not be the limiting
factor in the output voltage ramp. The maximum output
current, which is equal to half the peak current, must
charge the output capacitor from 0V to its regulated value.
For small peak currents or large output capacitors, this
ramp time can be significant. Therefore, the output voltage
ramp time from 0V to the regulated VOUT value is limited
to a minimum of:
Ramp Time
≥
2• COUT
IPEAK
VOUT
CISET Selection
Once the peak current resistor, RISET, and inductor are se-
lected to meet the load current and frequency requirements,
an optional capacitor, CISET, can be added in parallel with
RISET. This will boost efficiency at mid-loads and reduce
the output voltage ripple dependency on load current at the
expense of slightly degraded load step transient response.
The peak inductor current is controlled by the voltage on
the ISET pin. Current out of the ISET pin is 5μA while the
LTC3630 is switching and is reduced to 1μA during sleep
mode. The ISET current will return to 5μA on the first cycle
after sleep mode. Placing a parallel RC from the ISET pin to
ground filters the ISET voltage as the LTC3630 enters and
exits sleep mode which in turn will affect the output volt-
age ripple, efficiency and load step transient performance.
In general, when RISET is greater than 120k a CISET ca-
pacitor in the 100pF to 200pF range will improve most
performance parameters. When RISET is less than 100k,
the capacitance on the ISET pin should be minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com