Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3891
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC3630
26
3630fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0612 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
4.5V to 65V Input to 3.3V Output, 1.5A Regulator
VOUT
3.3V
1.5A
3630 TA06
D1
L1
2.2μH
ROSC
105k
RITH
4.32k
R1
105k
COUT: TDK C3225X5ROJ107M
L2: VISHAY IHLP-2525CZ-01
CIN: MURATA GCM32DR72A225KA64L
C1: TDK CGA6P1X7R1C226M
L1: COILCRAFT MSS1048T-333
CVCC
1μF
CITH
1nF
COUT
100μF
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
PVIN
BOOST
SW
SW
SW
PGND
PGND
LTC3603
R2
475k
CBST
0.22μF
CFB
10pF
VFB
SW
L1
33μH
VIN
RUN
R1
200k
CIN
4.7μF
VIN*
4.5V TO 65V
VX
FBO
ISET
SS
VPRG1
VPRG2
GND
LTC3630
R2
102k
22μF
*WHEN VIN > 15V, LTC3630 SWITCHES AND VX IS REGULATED TO 15V; WHEN
VIN < 15V, LTC3630 OPERATES IN DROPOUT AND VX FOLLOWS VIN
PART NUMBER DESCRIPTION
COMMENTS
LTC3642
45V (Transient to 60V) 50mA Synchronous Step-Down
DC/DC Converter
VIN: 4.5V to 45V, VOUT(MIN) = 0.8V, IQ = 12μA, ISD = 3μA,
3 × 3 DFN-8, MSOP-8
LTC3631
45V (Transient to 60V) 100mA Synchronous Step-Down
DC/DC Converter
VIN: 4.5V to 45V, VOUT(MIN) = 0.8V, IQ = 12μA, ISD = 3μA,
3 × 3 DFN-8, MSOP-8
LTC3632
50V (Transient to 60V) 20mA Synchronous Step-Down
DC/DC Converter
VIN: 4.5V to 50V, VOUT(MIN) = 0.8V, IQ = 12μA, ISD = 3μA,
3 × 3 DFN-8, MSOP-8
LTC3103
15V, 300mA Synchronous Step-Down DC/DC Converter
with Ultralow Quiescent Current
VIN: 2.5V to 15V, VOUT(MIN) = 0.6V, IQ = 1.8μA, ISD = 1μA,
3 × 3 DFN-10, MSOP-10E
LTC3104
15V, 300mA Synchronous Step-Down DC/DC Converter
with Ultralow Quiescent Current and 10mA LDO
VIN: 2.5V to 15V, VOUT(MIN) = 0.6V, IQ = 2.6μA, ISD = 1μA,
4 × 3 DFN-14, MSOP-16E
LT3970
40V, 350mA, 2.2MHz High Efficiency Micropower Step-Down
DC/DC Converter with IQ = 2.5μA
VIN: 4.2V to 40V, VOUT(MIN) = 1.21V, IQ = 2.5μA, ISD < 1μA,
3 × 2 DFN-10, MSOP-10
LT3990
62V, 350mA, 2.2MHz High Efficiency Micropower Step-Down
DC/DC Converter with IQ = 2.5μA
VIN: 4.2V to 62V, VOUT(MIN) = 1.21V, IQ = 2.5μA, ISD < 1μA,
3 × 3 DFN-10, MSOP-16E
LT3971
38V, 1.2A, 2.2MHz High Efficiency Micropower Step-Down
DC/DC Converter with IQ = 2.8μA
VIN: 4.3V to 38V, VOUT(MIN) = 1.19V, IQ = 2.8μA, ISD < 1μA,
3 × 3 DFN-10, MSOP-10E
LT3991
55V, 1.2A, 2.2MHz High Efficiency Micropower Step-Down
DC/DC Converter with IQ = 2.8μA
VIN: 4.3V to 55V, VOUT(MIN) = 1.19V, IQ = 2.8μA, ISD < 1μA,
3 × 3 DFN-10, MSOP-10E
LT3682
36V, 60VMAX, 1A, 2.2MHz High Efficiency Micropower
Step-Down DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 75μA, ISD < 1μA,
3 × 3 DFN-12
LTC3891
Low IQ, 60V Synchronous Step-Down Controller
VIN: 4V to 60V, VOUT(MIN) = 0.8V, IQ = 50μA, ISD = 14μA,
3 × 4 QFN-20, TSSOP-20E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com