Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3757
Description  PolyPhase Synchronous Boost Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3787
7
3787fc
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs Temperature
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
Shutdown (RUN) Threshold
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
INTVCC vs INTVCC Load Current
015
510
20
25
30
35
40
INPUT VOLTAGE (V)
4.7
5.2
5.3
5.4
5.5
5.0
4.6
5.1
4.5
4.9
4.8
3787 G16
INTVCC LOAD CURRENT (mA)
0
5.35
5.40
5.45
140
5.30
5.25
40
80
20
180
60
100
160
120
200
5.20
5.00
5.10
5.05
5.15
5.50
3787 G17
EXTVCC = 0V
EXTVCC = 6V
VIN = 12V
–60
15
–35 –10
40
65
90
140
115
TEMPERATURE (°C)
3787 G13
140
120
110
180
160
170
150
130
VIN = 12V
VFB = 1.25V
RUN = GND
–60
15
–35 –10
40
65
90
140
115
TEMPERATURE (°C)
3787 G14
1.25
1.15
1.10
1.40
1.35
1.30
1.20
RUN FALLING
RUN RISING
TEMPERATURE (°C)
3.6
4.1
4.2
4.3
4.4
3.9
3.5
4.0
3.4
3.8
3.7
3787 G15
–60
15
–35 –10
40
65
90
140
115
INTVCC RISING
INTVCC FALLING
TEMPERATURE (°C)
4.0
4.2
4.6
4.8
5.0
6.0
5.4
4.4
5.6
5.8
5.2
3787 G18
–60
15
–35 –10
40
65
90
140
115
INTVCC
EXTVCC RISING
EXTVCC FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com