Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3757
Description  PolyPhase Synchronous Boost Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC3787
22
3787fc
APPLICATIONS INFORMATION
EXTVCC remains above 4.55V. The EXTVCC LDO attempts
to regulate the INTVCC voltage to 5.4V, so while EXTVCC
is less than 5.4V, the LDO is in dropout and the INTVCC
voltage is approximately equal to EXTVCC. When EXTVCC
is greater than 5.4V, up to an absolute maximum of 6V,
INTVCC is regulated to 5.4V.
Significant thermal gains can be realized by powering
INTVCC from an external supply. Tying the EXTVCC pin
to a 5V supply reduces the junction temperature in the
previous example from 125°C to 79°C in a QFN package:
TJ = 70°C + (32mA)(5V)(43°C/W) = 77°C
and from 125°C to 74°C in an SSOP package:
TJ = 70°C + (15mA)(5V)(90°C/W) = 77°C
If more current is required through the EXTVCC LDO than
is specified, an external Schottky diode can be added be-
tween the EXTVCC and INTVCC pins. Make sure that in all
cases EXTVCC ≤ VBIAS (even at start-up and shutdown).
The following list summarizes possible connections for
EXTVCC:
EXTVCC Grounded.ThiswillcauseINTVCCtobepowered
from the internal 5.4V regulator resulting in an efficiency
penalty at high input voltages.
EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 6V range, it may be used
to provide power. Ensure that EXTVCC is always lower
than VBIAS.
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CB connected to the BOOST
pins supply the gate drive voltages for the topside
MOSFETs. Capacitor CB in the Block Diagram is charged
though external diode DB from INTVCC when the SW pin
is low. When one of the topside MOSFETs is to be turned
on, the driver places the CB voltage across the gate and
source of the desired MOSFET. This enhances the MOSFET
and turns on the topside switch. The switch node volt-
age, SW, rises to VOUT and the BOOST pin follows. With
the topside MOSFET on, the boost voltage is above the
output voltage: VBOOST = VOUT + VINTVCC. The value of
the boost capacitor CB needs to be 100 times that of the
total input capacitance of the topside MOSFET(s). The
reverse breakdown of the external Schottky diode must
be greater than VOUT(MAX).
The external diode DB can be a Schottky diode or silicon
diode, but in either case it should have low leakage and fast
recovery. Pay close attention to the reverse leakage at high
temperatures where it generally increases substantially.
Each of the topside MOSFET drivers includes an internal
charge pump that delivers current to the bootstrap capaci-
tor from the BOOST pin. This charge current maintains
the bias voltage required to keep the top MOSFET on
continuously during dropout/overvoltage conditions. The
Schottky/silicon diodes selected for the topside drivers
should have a reverse leakage less than the available output
current the charge pump can supply. Curves displaying
the available charge pump current under different operat-
ing conditions can be found in the Typical Performance
Characteristics section.
A leaky diode DB in the boost converter can not only
prevent the top MOSFET from fully turning on but it can
also completely discharge the bootstrap capacitor CB and
create a current path from the input voltage to the BOOST
pin to INTVCC. This can cause INTVCC to rise if the diode
leakage exceeds the current consumption on INTVCC.
This is particularly a concern in Burst Mode operation
where the load on INTVCC can be very small. The external
Schottky or silicon diode should be carefully chosen such
that INTVCC never gets charged up much higher than its
normal regulation voltage.
Fault Conditions: Overtemperature Protection
At higher temperatures, or in cases where the internal
power dissipation causes excessive self heating on-chip
(such as an INTVCC short to ground), the overtemperature
shutdown circuitry will shut down the LTC3787. When the
junction temperature exceeds approximately 170°C, the
overtemperature circuitry disables the INTVCCLDO,causing
the INTVCC supply to collapse and effectively shut down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com