Electronic Components Datasheet Search
  English  ▼

X  

LTC1871 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC1871
Description  PolyPhase Synchronous Boost Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 25Page - Linear Technology LTC1871 Datasheet HTML 26Page - Linear Technology LTC1871 Datasheet HTML 27Page - Linear Technology LTC1871 Datasheet HTML 28Page - Linear Technology LTC1871 Datasheet HTML 29Page - Linear Technology LTC1871 Datasheet HTML 30Page - Linear Technology LTC1871 Datasheet HTML 31Page - Linear Technology LTC1871 Datasheet HTML 32Page - Linear Technology LTC1871 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3787
29
3787fc
TYPICAL APPLICATIONS
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1μF
COUTA1
22μF
4
CB2, 0.1μF
CINT
4.7μF
RB
232k
LTC3787
L2
3.3μH
L1
3.3μH
MTOP1
MBOT1
100k
3787 F10
INTVCC
RSENSE1
4mΩ
CSS, 0.1μF
RA, 12.1k
CITHA, 220pF
RITH, 8.66k
CITH, 15nF
RSENSE2
4mΩ
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220μF
COUTA2
22μF
4
+
COUTB2
220μF
CIN
22μF
2
VIN
5V TO 24V
VOUT
24V, 10A*
CIN, COUTA1, COUTA2: TDK C4532X5R1E226M
COUTB1, COUTB2: SANYO, 50CE220LX
L1, L2: PULSE PA1494.362NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS HAT2169H
D1, D2: BAS140W
*WHEN VIN < 8V, MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED.
Figure 10. High Efficiency 2-Phase 24V Boost Converter
Figure 11. High Efficiency 2-Phase 28V Boost Converter
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1μF
COUTA1
6.8μF
× 4
CB2, 0.1μF
CINT
4.7μF
RB
271k
LTC3787
L2
3.3μH
L1
3.3μH
MTOP1
MBOT1
100k
3787 F11
INTVCC
RSENSE1
4mΩ
CSS, 0.1μF
RA, 12.1k
CITHA, 220pF
RITH, 8.66k
CITH, 15nF
RSENSE2
4mΩ
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220μF
COUTA2
6.8μF
× 4
+
COUTB2
220μF
CIN
6.8μF
× 4
VIN
5V TO 28V
VOUT
28V, 8A
CIN, COUTA1, COUTA2: TDK C4532X7RIH685K
COUTB1, COUTB2: SANYO, 50CE220LX
L1, L2: PULSE PA1494.362NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS HAT2169H
D1, D2: BAS140W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com