Electronic Components Datasheet Search
  English  ▼

X  

LTC1871 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1871
Description  PolyPhase Synchronous Boost Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 26Page - Linear Technology LTC1871 Datasheet HTML 27Page - Linear Technology LTC1871 Datasheet HTML 28Page - Linear Technology LTC1871 Datasheet HTML 29Page - Linear Technology LTC1871 Datasheet HTML 30Page - Linear Technology LTC1871 Datasheet HTML 31Page - Linear Technology LTC1871 Datasheet HTML 32Page - Linear Technology LTC1871 Datasheet HTML 33Page - Linear Technology LTC1871 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC3787
30
3787fc
TYPICAL APPLICATIONS
Figure 12. High Efficiency 2-Phase 36V Boost Converter
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1μF
COUTA1
6.8μF
× 4
CB2, 0.1μF
CINT
4.7μF
RB
348k
LTC3787
L2
10.2μH
L1
10.2μH
MTOP1
MBOT1
100k
3787 F12
INTVCC
RSENSE1
5mΩ
CSS, 0.1μF
RA, 12.1k
CITHA, 220pF
RITH, 3.57k
CITH, 15nF
RSENSE2
5mΩ
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220μF
COUTA2
6.8μF
× 4
+
COUTB2
220μF
CIN
6.8μF
× 4
VIN
5V TO 36V
VOUT
36V, 6A
CIN, COUTA1, COUTA2: TDK C4532X7RIH685K
COUTB1, COUTB2: SANYO, 50CE220LX
L1, L2: PULSE PA2050.103NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS RJICO652DPB
D1, D2: BAS170W
Figure 13. High Efficiency 2-Phase 48V Boost Converter
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1μF
COUTA1
6.8μF
× 4
CB2, 0.1μF
CINT
4.7μF
RB
475k
LTC3787
L2
16μH
L1
16μH
MTOP1
MBOT1
100k
3787 F13
INTVCC
RSENSE1
8mΩ
CSS, 0.1μF
RA, 12.1k
CITHA, 220pF
RITH, 23.7k
CITH, 10nF
RSENSE2
8mΩ
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220μF
COUTA2
6.8μF
× 4
+
COUTB2
220μF
CIN
6.8μF
× 4
VIN
5V TO 38V
VOUT
48V, 4A
CIN, COUTA1, COUTA2: TDK C4532X7RIH685K
COUTB1, COUTB2: SANYO, 63CE220K
L1, L2: PULSE PA2050.163NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS RJK0652DPB
D1, D2: BAS170W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com