Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3533
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology LTC3533 Datasheet HTML 12Page - Linear Technology LTC3533 Datasheet HTML 13Page - Linear Technology LTC3533 Datasheet HTML 14Page - Linear Technology LTC3533 Datasheet HTML 15Page - Linear Technology LTC3533 Datasheet HTML 16Page - Linear Technology LTC3533 Datasheet HTML 17Page - Linear Technology LTC3533 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3780
14
3780fe
OPERATION
on. switch A and synchronous switch B are alternately
turned on to maintain the output voltage independent of
direction of inductor current. Every ten cycles, synchro-
nous switch D is forced off for about 300ns to allow CB
to recharge. This is the least efficient operating mode at
light load, but may be desirable in certain applications. In
this mode, the output can source or sink current.
When the FCB pin voltage is below VINTVCC – 1V, but greater
than 0.8V, the controller enters Burst Mode operation in
boost operation or enters skip-cycle mode in buck opera-
tion. During boost operation, Burst Mode operation sets a
minimum output current level before inhibiting the switch
C and turns off synchronous switch D when the inductor
current goes negative. This combination of requirements
will, at low currents, force the ITH pin below a voltage
threshold that will temporarily inhibit turn-on of power
switches C and D until the output voltage drops. There is
100mV of hysteresis in the burst comparator tied to the
ITH pin. This hysteresis produces output signals to the
MOSFETs C and D that turn them on for several cycles,
followed by a variable “sleep” interval depending upon the
load current. The maximum output voltage ripple is limited
to 3% of the nominal DC output voltage as determined
by a resistive feedback divider. During buck operation at
no load, switch A is turned on for its minimum on-time.
This will not occur every clock cycle when the output load
current drops below 1% of the maximum designed load.
The body diode of synchronous switch B or the Schottky
diode, which is in parallel with switch B, is used to dis-
charge the inductor current; switch B only turns on every
ten clock cycles to allow CB to recharge. As load current
is applied, switch A turns on every cycle, and its on-time
begins to increase. At higher current, switch B turns on
briefly after each turn-off of switch A. switches C and D
remain off at light load, except to refresh CA (Figure 11)
every 10 clock cycles. In Burst Mode operation/skip-cycle
mode, the output is prevented from sinking current.
When the FCB pin voltage is tied to the INTVCC pin, the
controller enters constant frequency discontinuous current
mode (DCM). For boost operation, synchronous switch D
is held off whenever the ITH pin is below a threshold volt-
age. In every cycle, switch C is used to charge inductor
current. After the output voltage is high enough, the
controller will enter continuous current buck mode for
one cycle to discharge inductor current. In the following
cycle, the controller will resume DCM boost operation. For
buck operation, constant frequency discontinuous current
mode sets a minimum negative inductor current level.
synchronous switch B is turned off whenever inductor
current is lower than this level. At very light loads, this
constant frequency operation is not as efficient as Burst
Mode operation or skip-cycle, but does provide lower
noise, constant frequency operation.
FREQUENCY SYNCHRONIZATION AND
FREQUENCY SETUP
The phase-locked loop allows the internal oscillator to be
synchronized to an external source via the PLLIN pin. The
phase detector output at the PLLFLTR pin is also the DC
frequency control input of the oscillator. The frequency
ranges from 200kHz to 400kHz, corresponding to a DC
voltage input from 0V to 2.4V at PLLFLTR. When locked,
the PLL aligns the turn on of the top MOSFET to the ris-
ing edge of the synchronizing signal. When PLLIN is left
open, the PLLFLTR pin goes low, forcing the oscillator to
its minimum frequency.
INTVCC/EXTVCC Power
Power for all power MOSFET drivers and most inter-
nal circuitry is derived from the INTVCC pin. When the
EXTVCC pin is left open, an internal 6V low dropout linear
regulator supplies INTVCC power. If EXTVCC is taken above
5.7V, the 6V regulator is turned off and an internal switch
is turned on, connecting EXTVCC to INTVCC. This allows
the INTVCC power to be derived from a high efficiency
external source.
POWER GOOD (PGOOD) PIN
The PGOOD pin is connected to an open drain of an internal
MOSFET. The MOSFET turns on and pulls the pin low when
the output is not within ±7.5% of the nominal output level
as determined by the resistive feedback divider. When
the output meets the ±7.5% requirement, the MOSFET
is turned off and the pin is allowed to be pulled up by an
external resistor to a source of up to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com