Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3533
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 5 Page - Linear Technology

  LTC3533 Datasheet HTML 1Page - Linear Technology LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3780
5
3780fe
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: TJ for the QFN package is calculated from the temperature TA and
power dissipation PD according to the following formula:
TJ = TA + (PD • 34°C/W)
Note 3: The IC is tested in a feedback loop that servos VITH to a specified
voltage and measures the resultant VOSENSE.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 6: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥ 40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 7: The LTC3780E is guaranteed to meet performance specifications
from 0°C to 85°C. Performance over the –40°C to 85°C operating junction
temperature range is assured by design, characterization and correlation
with statistical process controls. The LTC3780I is guaranteed over the
–40°C to 125°C operating junction temperature range. The LTC3780MP
is guaranteed and tested over the full –55 to 125°C operating junction
temperature range.
Note 8: This parameter is guaranteed by design.
Note 9: fOSC is the running frequency for the application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Output
∆VFBH
PGOOD Upper Threshold
VOSENSE Rising
5.5
7.5
10
%
∆VFBL
PGOOD Lower Threshold
VOSENSE Falling
–5.5
–7.5
–10
%
∆VFB(HYST)
PGOOD Hysteresis
VOSENSE Returning
2.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com