Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4155
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4155 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4155 Datasheet HTML 4Page - Linear Technology LTC4155 Datasheet HTML 5Page - Linear Technology LTC4155 Datasheet HTML 6Page - Linear Technology LTC4155 Datasheet HTML 7Page - Linear Technology LTC4155 Datasheet HTML 8Page - Linear Technology LTC4155 Datasheet HTML 9Page - Linear Technology LTC4155 Datasheet HTML 10Page - Linear Technology LTC4155 Datasheet HTML 11Page - Linear Technology LTC4155 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LTC4155
8
4155fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA ≈ TJ = 25°C (Note 2). VBUS = 5V, BATSNS = 3.7V, DVCC = 3.3V,
RCLPROG1 = RCLPROG2 = 1.21k, RPROG = 499Ω, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIL,SDA,SCL
Input Leakage Low
SDA, SCL = 0V
–1
1
μA
VOL
Digital Output Low (SDA)
ISDA = 3mA
0.4
V
fSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between STOP and
START Condition
1.3
μs
tHD_SDA
Hold Time After (Repeated) START
Condition
0.6
μs
tSU_SDA
Repeated START Condition Set-Up
Time
0.6
μs
tSU_STO
STOP Condition Time
0.6
μs
tHD_DAT(OUT)
Data Hold Time
0
900
ns
tHD_DAT(IN)
Input Data Hold Time
0
ns
tSU_DAT
Data Set-Up Time
100
ns
tLOW
Clock LOW Period
1.3
μs
tHIGH
Clock HIGH Period
0.6
μs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4155E is tested under pulsed load conditions such that
TJ ≈ TA. The LTC4155E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the
–40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC4155I is guaranteed over the full –40°C to 125°C operating
junction temperature range. The junction temperature (TJ, in °C) is
calculated from the ambient temperature (TA, in °C) and power dissipation
(PD, in watts) according to the formula:
TJ = TA + (PD • θJA), where the package thermal impedance
θJA = 43°C/W)
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3. VMAX is the maximum of VBUS or BATSNS
Note 4. Total input current is IVBUSQ + VCLPROG/RCLPROG • (hCLPROG + 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com