Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4155
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4155 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4155 Datasheet HTML 26Page - Linear Technology LTC4155 Datasheet HTML 27Page - Linear Technology LTC4155 Datasheet HTML 28Page - Linear Technology LTC4155 Datasheet HTML 29Page - Linear Technology LTC4155 Datasheet HTML 30Page - Linear Technology LTC4155 Datasheet HTML 31Page - Linear Technology LTC4155 Datasheet HTML 32Page - Linear Technology LTC4155 Datasheet HTML 33Page - Linear Technology LTC4155 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
LTC4155
30
4155fc
Battery Charger Operation
The LTC4155 contains a fully featured constant-current/
constant-voltage Li-Ion/Li-Polymer battery charger with
automatic recharge, bad cell detection, trickle charge,
programmable safety timer, thermistor temperature
qualified charging, programmable end-of-charge indica-
tion, programmable float voltage, programmable charge
current, detailed I2C status reporting, and programmable
interrupt generation.
Precharge/Low Battery
When a battery charge cycle begins, the battery charger
first determines if the battery is deeply discharged. If the
battery voltage is below VTRKL, typically 2.8V, the LTC4155
will report the LOWBAT condition via I2C (see Table 18).
If the low battery voltage persists for more than one-half
hour, the battery charger automatically terminates and
indicates via the I2C port that the battery was unrespon-
sive. When the battery voltage is low, charge current is
reduced, both to protect the battery and to prevent exces-
sive power dissipation in the external PMOS transistor.
Figure 1 shows the relationship between battery voltage
and charge current reduction. When input power (USB
or WALL) is unavailable, the I2C LOWBAT indication will
always be true, independent of the actual state of charge
of the battery and can be disregarded.
Constant-Current
When the battery voltage is above approximately 3.3V, the
charger will attempt to deliver the programmed charge cur-
rent in constant-current mode. Depending on available input
power and external load conditions, the battery charger
may or may not be able to charge at the full programmed
rate. The external load will always be prioritized over the
battery charge current. Likewise, the USB and WALL input
current limit programming will always be observed and
only additional power will be available to charge the bat-
tery. When system loads are light, battery charge current
will be maximized.
The upper limit of charge current is programmed by the
combination of a resistor from PROG to ground and the
PROG servo voltage value set in the I2C port. The maximum
charge current will be given by the following expression:
ICHARGE =
VPROG
RPROG
• 1000
VPROG can be set by the I2C port and ranges from 150mV
to 1.2V in 75mV steps. The default value of VPROG is 1.2V.
VPROG is controlled by bits ICHARGE[3:0] located at sub
address 0x02. See Table 11.
In either the constant-current or constant-voltage charging
modes, the voltage at the PROG pin will be proportional
to the actual charge current delivered to the battery. The
charge current can be determined at any time by monitoring
the PROG pin voltage and using the following relationship:
IBAT =
VPROG
RPROG
• 1000
Recall, however, that in some cases the actual battery
charge current, IBAT, will be lower than the programmed
current, ICHARGE, due to limited input power available and
prioritization of the system load drawn from VOUT. RPROG
should be set to match the capacity of the battery without
regard to input power limitations.
Constant-Voltage
Once the battery terminal voltage reaches the preset float
voltage, the battery charger will hold the voltage steady
and the charge current will decrease naturally toward
zero. Four voltage settings are available for final float
voltage selection via the I2C port using bits VFLOAT[1:0]
(Table 12). For applications that require as much run time
as possible, the 4.200V setting can be selected. For appli-
cations that seek to reduce battery aging or tolerate wider
temperature extremes, the LTC4155 features alternate
voltage settings as low as 4.050V.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com