Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 15 Page - Linear Technology

Part # LT1640AL
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology LT1640AL Datasheet HTML 14Page - Linear Technology LT1640AL Datasheet HTML 15Page - Linear Technology LT1640AL Datasheet HTML 16Page - Linear Technology LT1640AL Datasheet HTML 17Page - Linear Technology LT1640AL Datasheet HTML 18Page - Linear Technology LT1640AL Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
LTC4211
15
4211fb
OPERATION
The CTIMER value is vital to ensure a proper start-up and
reliable operation. A system may not start up if a timing
period is set too short relative to the time needed for the
output voltage to ramp up from zero to its rated value.
Conversely, this timing period should not be too long as
an output short can occur at start-up causing the exter-
nal MOSFET to overheat. A good starting point is to set
CTIMER = 10nF and adjust its value accordingly to suit the
specific applications.
OPERATING SEQUENCE
Power-Up, Start-Up Check and Plug-In Timing Cycle
The sequence of operation for the LTC4211 is illustrated
in the timing diagram of Figure 5. When a PC board is
inserted into a live backplane, the LTC4211 first performs
Figure 5. Normal Power-Up Sequence
VCC
ON
2μA
2μA
10μA
PLUG-IN CYCLE
FIRST TIMING CYCLE
200μA
POWER
GOOD
(VFB > VREF)
VTMR = VREF
TIMER
12
3 4 5
6
7
8
9
RESET PULLED LOW DUE TO POWER BAD
10
SLOW COMPARATOR ARMED
CHECK FOR GATE < 0.2V
FAST COMPARATOR ARMED
CHECK FOR FILTER LOW (<VREF – 80mV)
CHECK FOR
FAULT HIGH (>VREF + 50mV)
ON GOES LOW
GATE
VOUT
RESET
POWER BAD
(VFB < VREF)
SOFT-START CYCLE
SECOND TIMING CYCLE
4211 F05
Table 1. tTIMER vs CTIMER
CTIMER
tTIMER
0.0033μF
2.0ms
0.0047μF
2.9ms
0.0068μF
4.2ms
0.0082μF
5.1ms
0.01μF
6.2ms
0.015μF
9.3ms
0.022μF
13.6ms
0.033μF
20.4ms
0.047μF
29.0ms
0.068μF
42.0ms
0.082μF
50.7ms
0.1μF
61.8ms
0.15μF
92.7ms
0.22μF
136ms
0.33μF
204ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com