Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 27 Page - Linear Technology

Part # LT1640AL
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 27 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 23Page - Linear Technology LT1640AL Datasheet HTML 24Page - Linear Technology LT1640AL Datasheet HTML 25Page - Linear Technology LT1640AL Datasheet HTML 26Page - Linear Technology LT1640AL Datasheet HTML 27Page - Linear Technology LT1640AL Datasheet HTML 28Page - Linear Technology LT1640AL Datasheet HTML 29Page - Linear Technology LT1640AL Datasheet HTML 30Page - Linear Technology LT1640AL Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC4211
27
4211fb
APPLICATIONS INFORMATION
+
VCC
SENSE
LTC4211
8
2
34
76
CLOAD
VOUT
12V
3A
GND
4211 F17
5
1
R4
12.4k
GATE
GND
TIMER
PCB CONNECTION SENSE
CTIMER
8.2nF
FB
ON
SHORT
LONG
VCC
12V
GND
LONG
Z1 = 1SMA12A OR SMAJ12A
** HIGHLY RECOMMENDED
RESET
R2
10k
R1
61.9k
RX
10Ω
RSENSE
0.012Ω
PCB EDGE
CONNECTOR
(MALE)
M1
Si4410DY
Z1**
RG
100Ω
R3
93.1k
R5
10k
μP
LOGIC
RESET
CX
100nF
BACKPLANE
CONNECTOR
(FEMALE)
12V Hot Swap Application
Figure 17 shows a 12V, 3A Hot Swap application circuit.
The resistor divider R1/R2 programs the undervoltage
lockout externally and allows the system to start up after
VCC increases above 9.46V. The resistor divider R3/R4
monitors VOUT and signals the RESET pin when VOUT
goes above 10.54V. Transient voltage suppressor Z1 and
snubber network (CX, RX) are highly recommended to
protect the 12V applications system from ringing and
voltage spikes. RG is recommended for VCC > 10V and it
can minimize high frequency parasitic oscillations in the
power MOSFET.
AUTORETRY AFTER A FAULT
To configure the LTC4211 to automatically retry after a
fault condition, the FAULT and ON pins can be connected
to a pull-up resistor (RAUTO) to the supply, as shown in
Figure 17. 12V Hot Swap Application
Figure 18. In this case, the autoretry circuitry will attempt
to restart the LTC4211 with a 50% duty cycle, as shown
in the timing diagram of Figure 19. To prevent overheat-
ing the external MOSFET and other components during
the autoretry sequence, adding a capacitor (CAUTO) to the
circuit introduces an RC time constant (tOFF) that adjusts
the autoretry duty cycle. Equation 14 gives the autoretry
duty cycle, modified by this external time constant:
Autoretry Duty Cycle
≈
tTIMER
tOFF + 2• tTIMER
•100% (14)
where tTIMER = LTC4211 system timing(see TIMER func-
tion) and tOFF is a time needed to charge capacitor CAUTO
from 0V to the ON pin threshold (1.316V).
In Figure 18 with RAUTO = 1M, the external RC time constant
is set at 1 second, the tTIMER delay equals 6.2ms and the
autoretry duty cycle drops from 50% to 2.5%.
Figure 18. LTC4211MS Autoretry Application
FAULT
VCC
LTC4211MS
SENSE
GATE
FB
1
2
3
4
5
10
RSENSE
0.007Ω
Q1
Si4410DY
9
8
7
6
RESET
ON
FILTER
TIMER
CTIMER
10nF
GND
CFILTER
100pF
RAUTO
(SEE NOTE)
RPULL-UP
10k
CAUTO
1μF
R3
10Ω
Z1*
NOTE:
Q1 MOUNTED TO 300mm2 COPPER AREA
RAUTO = 1M YIELDS 2.5%
DUTY CYCLE AND Q1 TCASE = 50°C
RAUTO = 3.2M YIELDS 0.8%
DUTY CYCLE AND Q1 TCASE = 37°C
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
4211 F18
C1
0.1μF
R1
36k
VOUT
5V
5A
CLOAD
R2
15k
+
LONG
VCC
5V
GND
RESET
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com