Electronic Components Datasheet Search
  English  ▼

X  

LT1640AH Datasheet(PDF) 7 Page - Linear Technology

Part # LT1640AH
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AH Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1640AH Datasheet HTML 3Page - Linear Technology LT1640AH Datasheet HTML 4Page - Linear Technology LT1640AH Datasheet HTML 5Page - Linear Technology LT1640AH Datasheet HTML 6Page - Linear Technology LT1640AH Datasheet HTML 7Page - Linear Technology LT1640AH Datasheet HTML 8Page - Linear Technology LT1640AH Datasheet HTML 9Page - Linear Technology LT1640AH Datasheet HTML 10Page - Linear Technology LT1640AH Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC4211
7
4211fb
TYPICAL PERFORMANCE CHARACTERISTICS
TIMER High Threshold
vs Temperature
TIMER Low Threshold
vs Supply Voltage
TIMER Low Threshold
vs Temperature
TEMPERATURE (°C)
–75
1.20
1.21
1.23
1.24
1.25
–25
25
50
150
4211 G25
1.22
–50
0
75 100 125
1.26
VCC = 5V
SUPPLY VOLTAGE (V)
0
0.6
0.8
1.0
16
4211 G26
0.4
0.2
0
4
8
12
218
6
10
14
20
TA = 25°C
TEMPERATURE (°C)
–75
0
0.2
0.6
0.8
1.0
–25
25
50
150
4211 G27
0.4
–50
0
75 100 125
VCC = 5V
SUPPLY VOLTAGE (V)
1.70
1.90
2.10
2.30
1.80
2.00
2.20
4
8
12
16
4211 G28
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (°C)
–75
1.7
1.8
2.0
2.1
2.2
–25
25
50
150
4211 G29
1.9
–50
0
75 100 125
2.3
VCC = 5V
SUPPLY VOLTAGE (V)
0
2
4
6
1
3
5
4
8
12
16
4211 G30
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (°C)
–75
0
1
3
4
5
–25
25
50
150
4211 G31
2
–50
0
75 100 125
6
VCC = 5V
SUPPLY VOLTAGE (V)
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
16
4211 G32
4
8
12
20
14
2
6
10
18
TA = 25°C
RESET OR FAULT
IOL = 5mA
IOL = 1mA
TEMPERATURE (°C)
–75
0.8
1.0
1.2
125
4211 G33
0.6
0.4
0
–25
25
75
–50
150
0
50
100
0.2
1.6
1.4
VCC = 5V
RESET OR FAULT
IOL = 5mA
IOL = 1mA
TIMER Pull-Up Current
vs Supply Voltage
TIMER Pull-Down Current
vs Supply Voltage
TIMER Pull-Down Current
vs Temperature
VOL vs Supply Voltage
TIMER Pull-Up Current
vs Temperature
VOL vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com