Electronic Components Datasheet Search
  English  ▼

X  

LT1640AH Datasheet(PDF) 9 Page - Linear Technology

Part # LT1640AH
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AH Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1640AH Datasheet HTML 5Page - Linear Technology LT1640AH Datasheet HTML 6Page - Linear Technology LT1640AH Datasheet HTML 7Page - Linear Technology LT1640AH Datasheet HTML 8Page - Linear Technology LT1640AH Datasheet HTML 9Page - Linear Technology LT1640AH Datasheet HTML 10Page - Linear Technology LT1640AH Datasheet HTML 11Page - Linear Technology LT1640AH Datasheet HTML 12Page - Linear Technology LT1640AH Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC4211
9
4211fb
TYPICAL PERFORMANCE CHARACTERISTICS
FILTER High to FAULT Activation
Time vs Temperature
Circuit Breaker RESET Time
vs Supply Voltage
Circuit Breaker RESET Time
vs Temperature
TEMPERATURE (°C)
–75
3.0
3.5
4.5
5.0
5.5
–25
25
50
150
4211 G43
4.0
–50
0
75 100 125
6.0
VCC = 5V
SUPPLY VOLTAGE (V)
80
120
160
200
100
140
180
4
8
12
16
4211 G44
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (°C)
–75
80
100
140
160
180
–25
25
50
150
4211 G45
120
–50
0
75 100 125
200
VCC = 5V
SUPPLY VOLTAGE (V)
1.5
2.5
3.5
4.5
2.0
3.0
4.0
4
8
12
16
4211 G46
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (°C)
–75
1.5
2.0
3.0
3.5
4.0
–25
25
50
150
4211 G47
2.5
–50
0
75 100 125
4.5
VCC = 5V
SUPPLY VOLTAGE (V)
0
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
16
4211 G48
4
8
12
20
14
2
6
10
18
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD
TEMPERATURE (°C)
–75
1.30
1.35
1.40
125
4211 G49
1.25
1.20
1.10
–25
25
75
– 50
150
0
50
100
1.15
1.50
1.45
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
SUPPLY VOLTAGE (V)
5
7
9
11
6
8
10
4
8
12
16
4211 G50
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (°C)
–75
5
6
8
9
10
–25
25
50
150
4211 G51
7
–50
0
75 100 125
11
VCC = 5V
FAULT Pin Low to GATE Discharging
Time vs Supply Voltage
FAULT Threshold Voltage
vs Supply Voltage
FAULT Threshold Voltage
vs Temperature
FAULT Pin Low to GATE Discharging
Time vs Temperature
Turn Off Time
vs Supply Voltage
Turn Off Time vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com