Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4258
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology LTC4258 Datasheet HTML 26Page - Linear Technology LTC4258 Datasheet HTML 27Page - Linear Technology LTC4258 Datasheet HTML 28Page - Linear Technology LTC4258 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
LTC4278
25
4278fc
Assuming relatively fixed power supply efficiency, Eff,
power balance gives:
POUT = Eff • PIN
VOUT • IOUT = Eff • VIN • IIN
Average primary-side current is expressed in terms of
output current as follows:
IIN =K1•IOUT
where:
K1=
VOUT
VIN •Eff
So, the effective change in VOUT target is:
ΔVOUT =K1•
RSENSE
RCMP
•R1•NSF • ΔIOUT
thus:
ΔVOUT
ΔIOUT
=K1•
RSENSE
RCMP
•R1•NSF
where:
K1 = dimensionless variable related to VIN, VOUT and
efficiency, as previously explained
RSENSE = external sense resistor
Nominal output impedance cancellation is obtained by
equating this expression with RS(OUT):
K1•
RSENSE
RCMP
•R1•NSF =
ESR
+RDS(ON)
1– DC
Solving for RCMP gives:
RCMP =K1•
RSENSE • 1–DC
(
)
ESR
+RDS(ON)
•R1•NSF
Thepracticalaspectsofapplyingthisequationtodetermine
an appropriate value for the RCMP resistor are discussed
subsequently in the Applications Information section.
Transformer Design
Transformer design/specification is the most critical part
of a successful application of the LTC4278. The following
sections provide basic information about designing the
transformer and potential tradeoffs. If you need help, the
LTC Applications group is available to assist in the choice
and/or design of the transformer.
Turns Ratios
The design of the transformer starts with determining
duty cycle (DC). DC impacts the current and voltage stress
on the power switches, input and output capacitor RMS
currents and transformer utilization (size vs power). The
ideal turns ratio is:
NIIDEAL=
VOUT
VIN
•
1– DC
DC
Avoid extreme duty cycles, as they generally increase cur-
rent stresses. A reasonable target for duty cycle is 50%
at nominal input voltage.
For instance, if we wanted a 48V to 5V converter at 50%
DC then:
NIIDEAL=
5
48
•
1– 0.5
0.5
=
1
9.6
In general, better performance is obtained with a lower
turns ratio. A DC of 45.5% yields a 1:8 ratio.
APPLICATIONS INFORMATION
•
•
•
MP
RCMPF
50k
VIN
VFLBK
R2 LOAD
COMP I
R1
FB
VFB
Q1 Q2
RCMP
CCMP
RSENSE
SENSE+
4278 F11
Q3
–
+
A1
16
22
21
20
Figure 11. Load Compensation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com