Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC4258
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 33Page - Linear Technology LTC4258 Datasheet HTML 34Page - Linear Technology LTC4258 Datasheet HTML 35Page - Linear Technology LTC4258 Datasheet HTML 36Page - Linear Technology LTC4258 Datasheet HTML 37Page - Linear Technology LTC4258 Datasheet HTML 38Page - Linear Technology LTC4258 Datasheet HTML 39Page - Linear Technology LTC4258 Datasheet HTML 40Page - Linear Technology LTC4258 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
LTC4278
37
4278fc
One way to reduce cost and improve output ripple is to use
a simple LC filter. Figure 18 shows an example of the filter.
APPLICATIONS INFORMATION
unidirectional58Vtransientvoltagesuppressorbeinstalled
betweenthediodebridgeandtheLTC4278(D3inFigure2).
ISOLATION
The802.3standardrequiresEthernetportstobeelectrically
isolatedfromallotherconductorsthatareuseraccessible.
This includes the metal chassis, other connectors and
any auxiliary power connection. For PDs, there are two
common methods to meet the isolation requirement. If
there will be any user accessible connection to the PD,
then an isolated DC/DC converter is necessary to meet
the isolation requirements. If user connections can be
avoided, then it is possible to meet the safety requirement
by completely enclosing the PD in an insulated housing.
In all PD applications, there should be no user accessible
electrical connections to the LTC4278 or support circuitry
other than the RJ-45 port.
LAYOUT CONSIDERATIONS FOR THE LTC4278
The LTC4278’s PD front end is relatively immune to layout
problems. Excessive parasitic capacitance on the RCLASS
pin should be avoided. Include a PCB heat sink to which
the exposed pad on the bottom of the package can be
soldered. This heat sink should be electrically connected
to GND. For optimum thermal performance, make the
heat sink as large as possible. Voltages in a PD can be as
large as 57V for PoE applications, so high voltage layout
techniques should be employed. The SHDN pin should
be separated from other high voltage pins, like VPORTP,
VNEG, to avoid the possibility of leakage currents shutting
down the LTC4278. If not used, tie SHDN to VPORTN. The
load capacitor connected between VPORTP and VNEG of the
LTC4278 can store significant energy when fully charged.
The design of a PD must ensure that this energy is not
inadvertently dissipated in the LTC4278. The polarity-
protection diodes prevent an accidental short on the cable
from causing damage. However if, VPORTN is shorted
to VPORTP inside the PD while capacitor C1 is charged,
RLOAD
COUT2
1µF
VOUT
COUT
470µF
C1
47µF
×3
FROM
SECONDARY
WINDING
L1, 0.1µH
4278 F18
+
+
Figure 18.
The design of the filter is beyond the scope of this data
sheet. However, as a starting point, use these general
guidelines. Start with a COUT 1/4 the size of the nonfilter
solution. Make C1 1/4 of COUT to make the second filter
pole independent of COUT. C1 may be best implemented
with multiple ceramic capacitors. Make L1 smaller than
the output inductance of the transformer. In general, a
0.1µH filter inductor is sufficient. Add a small ceramic
capacitor (COUT2) for high frequency noise on VOUT. For
those interested in more details refer to “Second-Stage
LC Filter Design,” Ridley, Switching Power Magazine, July
2000 p8-10.
Circuit simulation is a way to optimize output capacitance
and filters, just make sure to include the component
parasitic. LTC SwitcherCAD® is a terrific free circuit
simulation tool that is available at www.linear.com. Final
optimization of output ripple must be done on a dedicated
PC board. Parasitic inductance due to poor layout can
significantly impact ripple. Refer to the PC Board Layout
section for more details.
ELECTRO STATIC DISCHARGE AND SURGE
PROTECTION
The LTC4278 is specified to operate with an absolute
maximum voltage of –100V and is designed to tolerate
brief overvoltage events. However, the pins that interface
to the outside world (primarily VPORTN and VPORTP) can
routinely see peak voltages in excess of 10kV. To protect
the LTC4278, it is highly recommended that the SMAJ58A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com