Electronic Components Datasheet Search
  English  ▼

X  

TBA121 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TBA121
Description  FM-Sound IF with SCART Switch and Volume Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TBA121 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TBA121 Datasheet HTML 2Page - Siemens Semiconductor Group TBA121 Datasheet HTML 3Page - Siemens Semiconductor Group TBA121 Datasheet HTML 4Page - Siemens Semiconductor Group TBA121 Datasheet HTML 5Page - Siemens Semiconductor Group TBA121 Datasheet HTML 6Page - Siemens Semiconductor Group TBA121 Datasheet HTML 7Page - Siemens Semiconductor Group TBA121 Datasheet HTML 8Page - Siemens Semiconductor Group TBA121 Datasheet HTML 9Page - Siemens Semiconductor Group TBA121 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Semiconductor Group
98
TBA 121-5
Characteristics (cont’d)
TA = 0 to 70 ˚C; VS = 10.5 to 15.5 V; refer to test circuit
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Design Notes
Input resistance
R I 6, 7
10
k
Ω
Output resistance
R Q 9
100
Ω
Output resistance
R Q 14
200
Ω
Input resistance
R I 10, 12
20
k
Ω
Input impedance
Z I 16
800
Ω
Residual IF voltage
VQ 9, 14 (IF)
10
mV
Hum suppression
VS/VQ 9, 14 (without
de-emphasis
C)
a qh
30
dB
∆ V
S = 500 mVrms
f S = 100 Hz
Crosstalk attenuation
(test conditions for
reference point)
a 12-14
60
dB
V 12 = 2 Vrms;
RF mode:
∆ f = 30 kHz;
f mod = 1 kHz;
f I 16 = 5.5 MHz
V I 16 = 10 mV
Attenuation IF MUTE
a 14
80
dB
f I 16 = 5.5 MHz;
V13 = 4.8 V; V I 16 = 300
mV;
f mod = 1 kHz;
∆ f = 30 kHz;
IF MUTE = ON;
measured
selectively
at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com