Electronic Components Datasheet Search
  English  ▼

X  

TBA121 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TBA121
Description  FM-Sound IF with SCART Switch and Volume Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TBA121 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TBA121 Datasheet HTML 1Page - Siemens Semiconductor Group TBA121 Datasheet HTML 2Page - Siemens Semiconductor Group TBA121 Datasheet HTML 3Page - Siemens Semiconductor Group TBA121 Datasheet HTML 4Page - Siemens Semiconductor Group TBA121 Datasheet HTML 5Page - Siemens Semiconductor Group TBA121 Datasheet HTML 6Page - Siemens Semiconductor Group TBA121 Datasheet HTML 7Page - Siemens Semiconductor Group TBA121 Datasheet HTML 8Page - Siemens Semiconductor Group TBA121 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Semiconductor Group
92
TBA 121-5
Pin Functions
Pin No.
Function
1
Ground
2
Limiter amplifier operating point feedback
(RF decoupling of IF amplifier with appropriate capacitors is required!)
3
Limiter amplifier operating point feedback and low end
(RF decoupling of IF amplifier with appropriate capacitors is required!)
4
IF-amplifier output (emitter follower)
5
IF-amplifier output (emitter follower)
6
Demodulator input with high impedance input and internal 15 k
Ω supply resistor
(if an LC circuit is used, the Q is determined by the damping resistance across
pins 6 and 7)
7
Demodulator input with high impedance input and internal 15 k
Ω supply resistor
(if an LC circuit is used, the Q is determined by the damping resistance across
pins 6 and 7)
8
Connection for de-emphasis capacitor (a series resistor of 11 k
Ω is integrated)
9
AF output of the SCART interface (emitter follower with short circuit limiter)
10
AF input 1 of the SCART interface (IF branch)
11
Rec/Pb switch input
12
AF input 2 of the SCART interface (SCART input)
13
Volume control
14
IF output (emitter follower)
15
+
VS supply voltage
16
IF input (limiter amplifier input; internal resistor between pin 16 and 3 typ. 800
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com