Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2870
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2870 Datasheet HTML 5Page - Linear Technology LTC2870 Datasheet HTML 6Page - Linear Technology LTC2870 Datasheet HTML 7Page - Linear Technology LTC2870 Datasheet HTML 8Page - Linear Technology LTC2870 Datasheet HTML 9Page - Linear Technology LTC2870 Datasheet HTML 10Page - Linear Technology LTC2870 Datasheet HTML 11Page - Linear Technology LTC2870 Datasheet HTML 12Page - Linear Technology LTC2870 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM2881
9
2881fe
BLOCK DIAGRAM
120Ω
A
Y
TE
RE
RO
2.2μF
2.2μF
2.2μF
VCC
VL
GND
DOUT
Z
SLO
DIN
B
2881 BD
VCC2
ISOLATED
DC/DC
CONVERTER
ON
DI
DE
= LOGIC SIDE COMMON
= ISOLATED SIDE COMMON
GND2
ISOLATED
COMM
INTERFACE
ISOLATED
COMM
INTERFACE
5V
REG
RX
DX
TEST CIRCUITS
–
+
DRIVER
DI
GND
OR
VL
R
2881 F01
Y
Z
R
VOC
–
+
VOD
DRIVER
DI
GND
OR
VL
2881 F02
Y
Z
+
–
IOSD
–7V TO 12V
+
–
RECEIVER
2881 F03
A OR B
VIN
IIN
B OR A
VIN
IIN
RIN =
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 3. Receiver Input Current and Input Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com