Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2870
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870 Datasheet(HTML) 4 Page - Linear Technology

  LTC2870 Datasheet HTML 1Page - Linear Technology LTC2870 Datasheet HTML 2Page - Linear Technology LTC2870 Datasheet HTML 3Page - Linear Technology LTC2870 Datasheet HTML 4Page - Linear Technology LTC2870 Datasheet HTML 5Page - Linear Technology LTC2870 Datasheet HTML 6Page - Linear Technology LTC2870 Datasheet HTML 7Page - Linear Technology LTC2870 Datasheet HTML 8Page - Linear Technology LTC2870 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM2881
4
2881fe
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic
VIL
Logic Input Low Voltage
1.62V ≤ VL ≤ 5.5V
l
0.4
V
VIH
Logic Input High Voltage
DIN
SLO
DI, TE, DE, ON, RE:
VL ≥ 2.35V
1.62V ≤ VL < 2.35V
l
l
l
l
0.67•VCC2
2
0.67•VL
0.75•VL
V
V
V
V
IINL
Logic Input Current
l
0±1
μA
VHYS
Logic Input Hysteresis
(Note 2)
150
mV
VOH
Output High Voltage
Output High, ILOAD = –4mA
(Sourcing), 5.5V ≥ VL ≥ 3V
Output High, ILOAD = –1mA
(Sourcing), 1.62V ≤ VL < 3V
l
l
VL –0.4
VL –0.4
V
V
VOL
Output Low Voltage
Output Low, ILO AD = 4mA
(Sinking), 5.5V ≥ VL ≥ 3V
Output High, ILOAD = 1mA
(Sinking), 1.62V ≤ VL < 3V
l
l
0.4
0.4
V
V
IOZR
Three-State (High Impedance)
Output Current on RO
RE = VL, 0V ≤ RO ≤ VL
l
±1
μA
IOSR
Short-Circuit Current
0V ≤ (RO or DOUT) ≤ VL
l
±85
mA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2881-3 VCC = 3.3V, LTM2881-5 VCC = 5.0V, VL = 3.3V, GND = GND2 =
0V, ON = VL unless otherwise noted.
SWITCHING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2881-3 VCC = 3.3V, LTM2881-5 VCC = 5.0V, VL = 3.3V, GND = GND2 =
0V, ON = VL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver SLO = VCC2
fMAX
Maximum Data Rate
(Note 3)
20
Mbps
tPLHD
tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF
(Figure 4)
l
60
85
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF
(Figure 4)
l
18
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF
(Figure 4)
l
1±8
ns
tRD
tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF
(Figure 4)
l
4
12.5
ns
tZLD, tZHD,
tLZD, tHZD
Driver Output Enable or Disable
Time
RL = 500Ω, CL = 50pF
(Figure 5)
l
170
ns
Driver SLO = GND2
fMAX
Maximum Data Rate
(Note 3)
250
kbps
tPLHD
tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF
(Figure 4)
1
1.55
μs
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF
(Figure 4)
50
500
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF
(Figure 4)
±200
±500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com