Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2863
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2863 Datasheet HTML 16Page - Linear Technology LTC2863 Datasheet HTML 17Page - Linear Technology LTC2863 Datasheet HTML 18Page - Linear Technology LTC2863 Datasheet HTML 19Page - Linear Technology LTC2863 Datasheet HTML 20Page - Linear Technology LTC2863 Datasheet HTML 21Page - Linear Technology LTC2863 Datasheet HTML 22Page - Linear Technology LTC2863 Datasheet HTML 23Page - Linear Technology LTC2863 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM2881
20
2881fe
TYPICAL APPLICATIONS
Figure 21. Switched 5V Power with Isolated CMOS Logic Connection with Low Voltage Interface
Figure 22. 4-Wire Full Duplex Self Biasing for Unshielded CAT5 Connection
2881 F21
A
VCC2
RO
VL
TE
RE
DE
DI
DOUT
GND
GND2
VCC
VCC
CMOS INPUT
CMOS OUTPUT
B
Z
1.8V
DIN
PWR
ON
OFF
REGULATED 5V
SWITCHED 5V
IRLML6402
330k
LTM2881
A
VL
RE
DE
RO
DI
GND
VCC
VCC
B
Y
Z
PWR
GND2
LTM2881
Y
VL
RE
RO
DE
DI
GND
VCC
VCCB
2881 F22
Z
A
B
PWR
GND2
BUS INHERITED
LTM2881
10nF
51Ω
51Ω
51Ω
51Ω
10nF
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com