Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2863
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2863 Datasheet HTML 16Page - Linear Technology LTC2863 Datasheet HTML 17Page - Linear Technology LTC2863 Datasheet HTML 18Page - Linear Technology LTC2863 Datasheet HTML 19Page - Linear Technology LTC2863 Datasheet HTML 20Page - Linear Technology LTC2863 Datasheet HTML 21Page - Linear Technology LTC2863 Datasheet HTML 22Page - Linear Technology LTC2863 Datasheet HTML 23Page - Linear Technology LTC2863 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM2881
24
2881fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2009
LT 0412 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM2882
Dual Isolated RS232 μModule Transceiver + Power
1Mbps, ±10kV HBM ESD, 2500VRMS
LTC1535
Isolated RS485 Transceiver
2500VRMS Isolation in Surface Mount Package
LT1785
±60V Fault-Protected Transceiver
Half Duplex
LT1791
±60V Fault-Protected Transceiver
Full Duplex
LTC2861
20Mbps RS485 Transceivers with Integrated Switchable Termination
Full Duplex 15kV ESD
LTC2870/LTC2871
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
20Mbps RS485 and 500kbps RS232,
±26kV ESD, 3V to 5V Operation
LTC2862/LTC2863/
LTC2864/LTC2865
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
20Mbps or 250kbps, ±15kV HBM ESD,
±25V Common Mode Range
Figure 23. Multi-Node Network with End Termination
and Single Ground Connection on Isolation Bus
A
VL
VCC1
RE
DE
TE
RO
DI
GND
VCC
VCCA
2881 F23
B
Y
Z
A
PWR
GND2
A
VL
RE
DE
TE
RO
DI
GND
VCC
VCCC
B
Y
Z
PWR
GND2
LTM2881
LTM2881
LTM2881
VCC2
C
B
CABLE SHIELD
OR GROUND RETURN
ISOLATION BARRIER
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com