Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8061
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology LTM8061 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8048
8
8048fa
PIN FUNCTIONS
VOUT1 (Bank 1): VOUT1 and VOUT– comprise the isolated
output of the LTM8048 flyback stage. Apply an external
capacitor between VOUT1 and VOUT–. Do not allow VOUT–
to exceed VOUT1.
VOUT– (Bank 2): VOUT– is the return for both VOUT1 and
VOUT2. VOUT1 and VOUT– comprise the isolated output of
the LTM8048. In most applications, the bulk of the heat
flow out of the LTM8048 is through the GND and VOUT–
pads, so the printed circuit design has a large impact on
the thermal performance of the part. See the PCB Layout
and Thermal Considerations sections for more details.
Apply an external capacitor between VOUT1 and VOUT–.
VOUT2 (Bank 3): The output of the secondary side linear
post regulator. Apply the load and output capacitor between
VOUT2 and VOUT–. See the Applications Information section
for more information on output capacitance and reverse
output characteristics.
GND (Bank 4): This is the primary side local ground of the
LTM8048 primary. In most applications, the bulk of the heat
flow out of the LTM8048 is through the GND and VOUT–
pads, so the printed circuit design has a large impact on
the thermal performance of the part. See the PCB Layout
and Thermal Considerations sections for more details.
VIN (Bank 5): VIN supplies current to the LTM8048’s inter-
nal regulator and to the integrated power switch. These
pins must be locally bypassed with an external, low ESR
capacitor.
ADJ2 (pin A2): This is the input to the error amplifier of the
secondary side LDO post regulator. This pin is internally
clamped to ±7V. The ADJ2 pin voltage is 1.22V referenced
to VOUT– and the output voltage range is 1.22V to 12V. Ap-
ply a resistor from this pin to VOUT–, using the equation
RADJ2 = 608.78/(VOUT2 – 1.22)kΩ. If the post regulator
is not used, leave this pin floating.
BYP (Pin B2): The BYP pin is used to bypass the refer-
ence of the LDO to achieve low noise performance from
the linear post regulator. The BYP pin is clamped internally
to ±0.6V relative to VOUT–. A small capacitor from VOUT2
to this pin will bypass the reference to lower the output
voltage noise. A maximum value of 0.01μF can be used
for reducing output voltage noise to a typical 20μVRMS
over a 100Hz to 100kHz bandwidth. If not used, this pin
must be left unconnected.
RUN (Pin F3): A resistive divider connected to VIN and this
pin programs the minimum voltage at which the LTM8048
will operate. Below 1.24V, the LTM8048 does not deliver
power to the secondary. Above 1.24V, power will be de-
livered to the secondary and 10μA will be fed into the SS
pin. When RUN is less than 1.24V, the pin draws 2.5μA,
allowing for a programmable hysteresis. Do not allow a
negative voltage (relative to GND) on this pin.
ADJ1 (Pins G7): Apply a resistor from this pin to GND to
set the output voltage VOUT1 relative to VOUT–, using the
recommended value given in Table 1. If Table 1 does not
list the desired VOUT1 value, the equation
RADJ1 = 28.4 VOUT1
–0.879
()kΩ
may be used to approximate the value. To the seasoned
designer, this exponential equation may seem unusual. The
equation is exponential due to non-linear current sources
that are used to temperature compensate the regulation.
BIAS (Pin H5): This pin supplies the power necessary to
operate the LTM8048. It must be locally bypassed with a
low ESR capacitor of at least 4.7μF. Do not allow this pin
voltage to rise above VIN.
SS (Pin H6): Place a soft-start capacitor here to limit inrush
current and the output voltage ramp rate. Do not allow a
negative voltage (relative to GND) on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com