Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8061
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 5 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8048
5
8048fa
TYPICAL PERFORMANCE CHARACTERISTICS
BIAS Current vs VOUT1 Load
Maximum Load vs VIN
Maximum Load vs VIN
0
100
250
200
150
50
VOUT1 CURRENT (mA)
13
12
11
10
6
8
4
7
9
5
8048 G10
12VIN
24VIN
VOUT1 = 12V
BIAS = 5V
VIN (V)
500
450
400
200
300
100
250
350
150
8048 G11
BIAS = VIN IF VIN ≤ 5V
BIAS = 5V IF VIN > 5V
010
30
20
25
15
5
2.5VOUT1
3.3VOUT1
5VOUT1
VIN (V)
350
200
300
0
100
250
150
50
8048 12
BIAS = VIN IF VIN ≤ 5V
BIAS = 5V IF VIN > 5V
010
25
20
15
5
8VOUT1
12VOUT1
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
Minimum Load vs VIN
Minimum Load vs VIN
Input Current vs VIN
VOUT1 Shorted
Input Current vs VIN
VOUT2 Shorted
VIN (V)
40
35
30
10
20
0
15
25
5
8048 G13
010
30
20
25
15
5
2.5VOUT1
3.3VOUT1
5VOUT1
VIN (V)
225
200
175
75
125
50
100
150
8048 G16
040
20
30
10
VIN (V)
15
12
9
3
0
6
8048 G14
010
30
20
25
15
5
8VOUT1
12VOUT1
VIN (V)
80
70
60
20
40
10
30
50
8048 G15
012
32
20
28
24
16
8
4
VOUT2 Dropout Voltage vs Load
VOUT2 LOAD CURRENT (mA)
0.7
0.6
0.5
0.4
0.3
0.2
0
0.1
8048 G17
0
100
300
200
250
150
50
–40°C
125°C
25°C
VOUT2 = 3.3V
VOUT2 Output Ripple and Noise
500μV/DIV
8048 G26
1μs/DIV
MEASURED PER AN70,
USING HP461A AMPLIFIER,
150MHz BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com