Electronic Components Datasheet Search
  English  ▼

X  

EDE5108AHSE Datasheet(PDF) 21 Page - Elpida Memory

Part # EDE5108AHSE
Description  512M bits DDR2 SDRAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AHSE Datasheet(HTML) 21 Page - Elpida Memory

Back Button EDE5108AHSE Datasheet HTML 17Page - Elpida Memory EDE5108AHSE Datasheet HTML 18Page - Elpida Memory EDE5108AHSE Datasheet HTML 19Page - Elpida Memory EDE5108AHSE Datasheet HTML 20Page - Elpida Memory EDE5108AHSE Datasheet HTML 21Page - Elpida Memory EDE5108AHSE Datasheet HTML 22Page - Elpida Memory EDE5108AHSE Datasheet HTML 23Page - Elpida Memory EDE5108AHSE Datasheet HTML 24Page - Elpida Memory EDE5108AHSE Datasheet HTML 25Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
EDE5108AHSE, EDE5116AHSE
Preliminary Data Sheet E0908E40 (Ver. 4.0)
21
6. tJIT (cc) is defined as the absolute difference in clock period between two consecutive clock cycles:
tJIT (cc) = Max. of |tCKj+1
− tCKj|
tJIT (cc) is defines the cycle to cycle jitter when the DLL is already locked. tJIT (cc, lck) uses the same
definition for cycle to cycle jitter, during the DLL locking period only. tJIT (cc) and tJIT (cc, lck) are not
subject to production test.
7. tERR (nper) is defined as the cumulative error across multiple consecutive cycles from tCK (avg).
tERR (nper) is not subject to production test.
))
(
)
(
1
avg
tCK
n
tCKj
nper
tERR
n
j
×
−
⎭
⎬
⎫
⎩
⎨
⎧
=
∑
=
2
≤ n ≤ 50 for tERR (nper)
8. These parameters are specified per their average values, however it is understood that the following
relationship between the average timing and the absolute instantaneous timing hold at all times.
(minimum and maximum of spec values are to be used for calculations in the table below.)
Parameter
Symbol
min.
max.
Unit
Absolute clock period
tCK (abs)
tCK (avg) min. + tJIT (per) min.
tCK (avg) max. + tJIT (per) max. ps
Absolute clock high pulse
width
tCH (abs)
tCH (avg) min.
× tCK (avg) min. +
tJIT (duty) min.
tCH (avg) max.
× tCK (avg) max.
+ tJIT (duty) max.
ps
Absolute clock low pulse
width
tCL (abs)
tCL (avg) min.
× tCK (avg) min. +
tJIT (duty) min.
tCL (avg) max.
× tCK (avg) max.
+ tJIT (duty) max.
ps
Example: For DDR2-667, tCH(abs) min. = ( 0.48
× 3000 ps ) - 125ps = 1315ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com