Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232E5MB Datasheet(PDF) 49 Page - Elpida Memory

Part # EDJ8232E5MB
Description  8G bits DDR3L SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232E5MB Datasheet(HTML) 49 Page - Elpida Memory

Back Button EDJ8232E5MB Datasheet HTML 45Page - Elpida Memory EDJ8232E5MB Datasheet HTML 46Page - Elpida Memory EDJ8232E5MB Datasheet HTML 47Page - Elpida Memory EDJ8232E5MB Datasheet HTML 48Page - Elpida Memory EDJ8232E5MB Datasheet HTML 49Page - Elpida Memory EDJ8232E5MB Datasheet HTML 50Page - Elpida Memory EDJ8232E5MB Datasheet HTML 51Page - Elpida Memory EDJ8232E5MB Datasheet HTML 52Page - Elpida Memory EDJ8232E5MB Datasheet HTML 53Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
EDJ8232E5MB
Data Sheet E1813E40 (Ver. 4.0)
49
[DDR3L-1333 Speed Bins]
Speed Bin
DDR3L-1333H
CL-tRCD-tRP
9-9-9
Symbol
/CAS write
latency
min.
max.
Unit
Notes
tAA
13.125
20
ns
8
tRCD
13.125
ns
8
tRP
13.125
ns
8
tRC
49.125
ns
8
tRAS
36
9
 tREFI
ns
7
tCK (avg) @CL=5
CWL = 5
3.0
3.3
ns
1, 2, 3, 4, 5
CWL = 6, 7
Reserved
Reserved
ns
4
tCK (avg) @CL=6
CWL = 5
2.5
3.3
ns
1, 2, 3, 5
CWL = 6
Reserved
Reserved
ns
4
CWL = 7
Reserved
Reserved
ns
4
tCK (avg) @CL=7
CWL = 5
Reserved
Reserved
ns
4
CWL = 6
1.875
< 2.5
ns
1, 2, 3, 4, 5
CWL = 7
Reserved
Reserved
ns
4
tCK (avg) @CL=8
CWL = 5
Reserved
Reserved
ns
4
CWL = 6
1.875
< 2.5
ns
1, 2, 3, 5
CWL = 7
Reserved
Reserved
ns
4
tCK (avg) @CL=9
CWL = 5, 6
Reserved
Reserved
ns
4
CWL= 7
1.5
< 1.875
ns
1, 2, 3, 4
tCK (avg) @CL=10
CWL = 5, 6
Reserved
Reserved
ns
4
CWL= 7
1.5
< 1.875
ns
1, 2, 3
Supported CL
settings
5, 6, 7, 8, 9, 10
nCK
Supported CWL
settings
5, 6, 7
nCK
Notes: 1. The CL setting and CWL setting result in tCK (avg) (min.) and tCK (avg) (max.) requirements. When
making a selection of tCK (avg), both need to be fulfilled: Requirements from CL setting as well as
requirements from CWL setting.
2. tCK (avg) (min.) limits: Since /CAS latency is not purely analog - data and strobe output are synchronized
by the DLL - all possible intermediate frequencies may not be guaranteed. An application should use the
next smaller JEDEC standard tCK (avg) value (2.5, 1.875, 1.5, or 1.25ns) when calculating
CL (nCK) = tAA (ns) / tCK (avg)(ns), rounding up to the next ‘Supported CL’.
3. tCK (avg) (max.) limits: Calculate tCK (avg) + tAA (max.)/CL selected and round the resulting tCK (avg)
down to the next valid speed bin (i.e. 3.3ns or 2.5ns or 1.875ns or 1.25ns). This result is tCK (avg) (max.)
corresponding to CL selected.
4. ‘Reserved’ settings are not allowed. User must program a different value.
5. Any DDR3L-1333 speed bin also supports functional operation at lower frequencies as shown in the table
DDR3L-1333 Speed Bins which is not subject to production tests but verified by design/characterization.
6. Any DDR3L-1600 speed bin also supports functional operation at lower frequencies as shown in the table
DDR3L-1600 Speed Bins which is not subject to production tests but verified by design/characterization.
7. tREFI depends on operating case temperature (TC).
8. For devices supporting optional down binning to CL = 7 and CL = 9, tAA/tRCD/tRP(min.) must be
13.125 ns or lower. SPD settings must be programmed to match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com