Electronic Components Datasheet Search
  English  ▼

X  

MK40DX64VMB7 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MK40DX64VMB7
Description  K40 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX64VMB7 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MK40DX64VMB7 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 19Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 20Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 21Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 22Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 23Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 24Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
5.4.1 Thermal operating requirements
Table 10. Thermal operating requirements
Symbol
Description
Min.
Max.
Unit
TJ
Die junction temperature
–40
125
°C
TA
Ambient temperature
–40
105
°C
5.4.2 Thermal attributes
Board type
Symbol
Description
81 MAPBGA
80 LQFP
Unit
Notes
Single-layer
(1s)
RθJA
Thermal
resistance,
junction to
ambient (natural
convection)
74
51
°C/W
1, 2
Four-layer
(2s2p)
RθJA
Thermal
resistance,
junction to
ambient (natural
convection)
42
36
°C/W
1, 3
Single-layer
(1s)
RθJMA
Thermal
resistance,
junction to
ambient (200 ft./
min. air speed)
62
41
°C/W
1,3
Four-layer
(2s2p)
RθJMA
Thermal
resistance,
junction to
ambient (200 ft./
min. air speed)
38
30
°C/W
1,3
—
RθJB
Thermal
resistance,
junction to
board
23
20
°C/W
4
—
RθJC
Thermal
resistance,
junction to case
19
10
°C/W
5
—
ΨJT
Thermal
characterization
parameter,
junction to
package top
outside center
(natural
convection)
4
2
°C/W
6
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
General
K40 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com