Electronic Components Datasheet Search
  English  ▼

X  

MK40DX64VMB7 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MK40DX64VMB7
Description  K40 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX64VMB7 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MK40DX64VMB7 Datasheet HTML 35Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 36Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 37Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 38Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 39Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 40Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 41Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 42Page - Freescale Semiconductor, Inc MK40DX64VMB7 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
6.6.1.2 16-bit ADC electrical characteristics
Table 24. 16-bit ADC characteristics (VREFH = VDDA, VREFL = VSSA)
Symbol
Description
Conditions1
Min.
Typ.2
Max.
Unit
Notes
IDDA_ADC Supply current
0.215
—
1.7
mA
3
fADACK
ADC
asynchronous
clock source
• ADLPC=1, ADHSC=0
• ADLPC=1, ADHSC=1
• ADLPC=0, ADHSC=0
• ADLPC=0, ADHSC=1
1.2
3.0
2.4
4.4
2.4
4.0
5.2
6.2
3.9
7.3
6.1
9.5
MHz
MHz
MHz
MHz
tADACK = 1/
fADACK
Sample Time
See Reference Manual chapter for sample times
TUE
Total unadjusted
error
• 12 bit modes
• <12 bit modes
—
—
±4
±1.4
±6.8
±2.1
LSB4
5
DNL
Differential non-
linearity
• 12 bit modes
• <12 bit modes
—
—
±0.7
±0.2
-1.1 to
+1.9
-0.3 to 0.5
LSB4
5
INL
Integral non-
linearity
• 12 bit modes
• <12 bit modes
—
—
±1.0
±0.5
-2.7 to
+1.9
-0.7 to
+0.5
LSB4
5
EFS
Full-scale error
• 12 bit modes
• <12 bit modes
—
—
-4
-1.4
-5.4
-1.8
LSB4
VADIN =
VDDA
5
EQ
Quantization
error
• 16 bit modes
• ≤13 bit modes
—
—
-1 to 0
—
—
±0.5
LSB4
ENOB
Effective number
of bits
16 bit differential mode
• Avg=32
• Avg=4
16 bit single-ended mode
• Avg=32
• Avg=4
12.8
11.9
12.2
11.4
14.5
13.8
13.9
13.1
—
—
—
—
bits
bits
bits
bits
6
SINAD
Signal-to-noise
plus distortion
See ENOB
6.02 × ENOB + 1.76
dB
THD
Total harmonic
distortion
16 bit differential mode
• Avg=32
16 bit single-ended mode
• Avg=32
—
—
–94
-85
—
—
dB
dB
7
Table continues on the next page...
Peripheral operating requirements and behaviors
K40 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com