Electronic Components Datasheet Search
  English  ▼

X  

MK50DX256CLL7 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MK50DX256CLL7
Description  K50 Sub-Family
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX256CLL7 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MK50DX256CLL7 Datasheet HTML 42Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 43Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 44Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 45Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 46Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 47Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 48Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 49Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
6.6.1.3 16-bit ADC with PGA operating conditions
Table 27. 16-bit ADC with PGA operating conditions
Symbol
Description
Conditions
Min.
Typ.1
Max.
Unit
Notes
VDDA
Supply voltage
Absolute
1.71
—
3.6
V
VREFPGA PGA ref voltage
VREF_OU
T
VREF_OU
T
VREF_OU
T
V
2, 3
VADIN
Input voltage
VSSA
—
VDDA
V
VCM
Input Common
Mode range
VSSA
—
VDDA
V
RPGAD
Differential input
impedance
Gain = 1, 2, 4, 8
Gain = 16, 32
Gain = 64
—
—
—
128
64
32
—
—
—
kΩ
IN+ to IN-4
RAS
Analog source
resistance
—
100
—
Ω
5
TS
ADC sampling
time
1.25
—
—
µs
6
Crate
ADC conversion
rate
≤ 13 bit modes
No ADC hardware
averaging
Continuous
conversions enabled
Peripheral clock = 50
MHz
18.484
—
450
Ksps
7
16 bit modes
No ADC hardware
averaging
Continuous
conversions enabled
Peripheral clock = 50
MHz
37.037
—
250
Ksps
8
1. Typical values assume VDDA = 3.0 V, Temp = 25°C, fADCK = 6 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
2. ADC must be configured to use the internal voltage reference (VREF_OUT)
3. PGA reference is internally connected to the VREF_OUT pin. If the user wishes to drive VREF_OUT with a voltage other
than the output of the VREF module, the VREF module must be disabled.
4. For single ended configurations the input impedance of the driven input is RPGAD/2
5. The analog source resistance (RAS), external to MCU, should be kept as minimum as possible. Increased RAS causes drop
in PGA gain without affecting other performances. This is not dependent on ADC clock frequency.
6. The minimum sampling time is dependent on input signal frequency and ADC mode of operation. A minimum of 1.25µs
time should be allowed for Fin=4 kHz at 16-bit differential mode. Recommended ADC setting is: ADLSMP=1, ADLSTS=2 at
8 MHz ADC clock.
7. ADC clock = 18 MHz, ADLSMP = 1, ADLST = 00, ADHSC = 1
8. ADC clock = 12 MHz, ADLSMP = 1, ADLST = 01, ADHSC = 1
Peripheral operating requirements and behaviors
K50 Sub-Family Data Sheet, Rev. 2, 4/2012.
46
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com