Electronic Components Datasheet Search
  English  ▼

X  

MMA6527KW Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Sensor
24
Freescale Semiconductor, Inc.
MMA65xx
3.6
Self Test Interface
When self test is enabled, the self test interface applies a voltage to the g-cell, causing a deflection of the proof mass. Once
enabled, offset cancellation is suspended and the deflection results in an acceleration which is superimposed upon the input ac-
celeration.
The resulting acceleration readings can be compared either against absolute limits, or the values stored in the Self Test De-
flection Registers (Reference Section 3.1.2). The self test interface is controlled through SPI write operations to the DEVCFG_X
and DEVCFG_Y registers described in Section 3.1.7 only if the ENDINIT bit in the DEVCFG register is cleared. A diagram of the
self test interface is shown in Figure 10.
Figure 10. Self Test Interface
3.6.1
Raw Self Test Deflection Verification
The raw self test deflection can be directly verified against raw self test limits listed in Section 2.4.
3.6.2
Delta Self Test Deflection Verification
The raw self test deflection can be verified against the ambient temperature self test deflection value recorded at the time the
device was produced. The production self test deflection is stored in the STDEFL_X and STDDEFL_Y registers such that the
minimum stored value (0x00) is equivalent to
ΔST
MIN, and the maximum stored value (0xFF) is equivalent to ΔSTMAX. The Delta
Self Test Deflection limits can then be determined by the following equations:
where:
Y-AXIS
g-CELL
SELF TEST
VOLTAGE
GENERATOR
ENDINIT
ST_Y
ST_X
X-AXIS
g-CELL
ENDINIT
ENDINIT
ΔST
ACC
The accuracy of the self test deflection relative to the stored deflection as specified in Section 2.4.
ΔSTDEFLx
CNTS
The value stored in the STDEFL_X or STDEFL_Y register.
ΔST
MIN
The minimum self test deflection at 25C as specified in Section 2.4.
ΔST
MAX
The maximum self test deflection at 25C as specified in Section 2.4.
ΔST
ACCMINLIMIT
FLOOR
ΔST
MIN
ΔSTDEFLx
CNTS
255
------------------------------------------
ΔST
MAX
ΔST
MIN
–
[]
×
+
⎝⎠
⎛⎞
1
ΔST
ACC
–
()
×
⋅
=
ΔST
ACCMAXLIMIT
CEIL
ΔST
MIN
ΔSTDEFLx
CNTS
255
------------------------------------------
ΔST
MAX
ΔST
MIN
–
[]
×
+
⎝⎠
⎛⎞
1
ΔST
ACC
+
()
×
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com