Electronic Components Datasheet Search
  English  ▼

X  

MMA6527KW Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Sensor
38
Freescale Semiconductor, Inc.
MMA65xx
3.8.10.2
Arming Function: Count Mode
In count mode, the arming function compares each offset cancelled sample against positive and negative thresholds that are
individually programmed for each axis via the ARMT_Xx and ARMT_Yx registers. Reference Section 3.1.10 for register details.
If the sample equals or exceeds either threshold, a sample counter is incremented. If the sample does not exceed either thresh-
old, the sample counter is reset to zero.
The sample rate for each axis is determined by the SPI acceleration data sample rate. At the rising edge of CS for an accel-
eration data SPI request, a new sample for the associated axis is compared against the thresholds. Reference Figure 28. The
SPI acceleration data sample rate must meet the minimum time between requests (tACC_REQ_x) specified in Section 2.6.
A sample count limit is programmable via the AWS_Xx[1:0] and AWS_Yx[1:0] bits in the ARMCFGX and ARMCFGY registers.
If the sample count reaches the programmable sample count limit, an arming condition is indicated, the ARM_X or ARM_Y output
is asserted for the associated axis, and the pulse stretch counter is set as described in Section 3.8.10.4.
The ARM_X or ARM_Y output is de-asserted only when the pulse stretch counter expires. Figure 28 shows the arming output
operation for different SPI conditions.
Figure 27. Arming Function Block Diagram - Count Mode
Figure 28. X and Y Axis Arming Conditions, Moving Average and Count Mode
ARMT_xN[7:0]
Offset Cancellation
AWS_xP[1:0]
APS_x[1:0]
Pulse Stretch
ARM_x
ARMT_xP[7:0]
Gating
I/O
1-4 Sample
Counter
OffCanc_ARM_x[10:0]
Y-Axis Arm Condition
Present
SCLK
MOSI
MISO
CS
Request X-Axis
Request Y-Axis
X-Axis Response
Y-Axis Response
Request X-Axis
Request Y-Axis
X-Axis Response
ARM_X
ARM_Y
Y-Axis Response
Y-Axis Arm Condition
Not Present
X-Axis Arm Condition
Not Present
X-Axis Arm Condition
Present
Y-Axis Data
Latched for
tARM
Y-Axis Pulse Stretch
X-Axis Pulse Stretch
Arm & SPI
X-Axis Data
Latched for
Arm & SPI
X-Axis Data
Latched for
Arm & SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com