Electronic Components Datasheet Search
  English  ▼

X  

MMA7660FC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Sensors
27
Freescale Semiconductor, Inc.
MMA7660FC
APPENDIX B - SENSING DIRECTION
Figure 18. Product Orientation on Perpendicular Axis
Figure 19. Product Orientations Showing Direction for Each Axis in Composite
Direction of Earth’s Gravity
Top View
XOUT @ -1g
YOUT @ 0g
ZOUT @ 0g
XOUT @ 0g
YOUT @ -1g
ZOUT @ 0g
XOUT @ +1g
YOUT @ 0g
ZOUT @ 0g
XOUT @ 0g
YOUT @ +1g
ZOUT @ 0g
XOUT @ 0g
YOUT @ 0g
ZOUT @ +1g
XOUT @ 0g
YOUT @ 0g
ZOUT @ -1g
Side View
-Z
+X
-Y
+Y
+Z
-X
-Y
+Z
-X
+Y
-Z
+X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com