Electronic Components Datasheet Search
  English  ▼

X  

MMA7660FC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Sensors
29
Freescale Semiconductor, Inc.
MMA7660FC
APPENDIX C - MMA7660FC ACQUISITION CODE TABLE, continued
49
110001
-15
-0.703g
-44.68°
-45.32°
48
110000
-16
-0.750g
-48.59°
-41.41°
47
101111
-17
-0.797g
-52.83°
-37.17°
46
101110
-18
-0.844g
-57.54°
-32.46°
45
101101
-19
-0.891g
-62.95°
-27.05°
44
101100
-20
-0.938g
-69.64°
-20.36°
43
101011
-21
-0.984g
-79.86°
-10.14°
42
101010
-22
-1.031g
41
101001
-23
-1.078g
40
101000
-24
-1.125g
39
100111
-25
-1.172g
38
100110
-26
-1.219g
37
100101
-27
-1.266g
36
100100
-28
-1.313g
Shaken
35
100011
-29
-1.359g
Shaken
34
100010
-30
-1.406g
Shaken
33
100001
-31
-1.453g
Shaken
32
100000
-32
-1.500g
Shaken



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com