Electronic Components Datasheet Search
  English  ▼

X  

TLE4260 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4260
Description  5-V Low-Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4260 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4260 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLE 4260
Semiconductor Group
7
1998-11-01
Standby Off/Normal On
Current consumption
I
qSOFF
–
1.0
1.2
mA
see test diagram
Current consumption
I
qNON
–
1.7
2.2
mA
see test diagram
Normal Off/Standby On
Current consumption
I
qNOFF
–
1.55
2.00
mA
see test diagram
Current consumption
I
qSON
–
850
1050
µA
see test diagram
Switching threshold
I
QNOFF
7.5
10
12.5
mA
see test diagram
Switching hysteresis
∆I
Q
2.25
3
4
mA
see test diagram
Reset Generator
Switching threshold
V
RT
94
96
97
%
in % of
V
Q;
I
Q >500 mA;VI =6 V
Saturation voltage
V
R
–
0.25
0.40
V
I
R =3 mA;VI =4.5 V
Reverse current
I
R
––
1
µA
V
R =5 V
Charge current
I
D
710
13
µA–
Switching threshold
V
ST
0.9
1.1
1.3
V
–
Delay switching threshold
V
DT
2.15
2.50
2.75
V
–
Delay time
t
D
–25
–
ms
C
D = 100 nF
Delay time
t
t
–5
–
µs
C
D = 100 nF
General Data
Turn-Off voltage
V
IOFF
40
43
45
V
I
Q <1 mA
Turn-Off hysteresis
∆V
I
–3.0
–
V
–
Leakage current
I
QS
–500
–
µA
V
Q = 0V; VI = 45 V
Reverse output current
I
QR
––
1.5
mA
V
Q = 5V; VI = open
1)
See diagram
Characteristics (cont’d)
VI = 13.5 V; Tj =25 °C; (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com